Electronic Components Datasheet Search
  English  ▼

X  

MALN Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MALN
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MALN Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MALN Datasheet HTML 1Page - M-System Co.,Ltd. MALN Datasheet HTML 2Page - M-System Co.,Ltd. MALN Datasheet HTML 3Page - M-System Co.,Ltd. MALN Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MALN
MALN SPECIFICATIONS
ES-8163 Rev.1 Page 3/4
https://www.m-system.co.jp/
POWER (e.g.)
SPD1
MAL-230x
Single-phase /3-wire 220/110V AC
SPD2
MALN-230
ACC
CNB2-5
Single-phase
/2-wire
Single-phase
/3-wire
POWER (e.g.)
SPD1
MAL-230x
MAL-230x
SPD2
MALN-230
MALN-230
ACC
CNB2-4
CNB2-4
Protected
device
ACC
L
N
G
SPD1 SPD2
SPD2
Protected
device
G
N
L1
L2
ACC
SPD1 SPD1
POWER (e.g.)
SPD1
Three-phase/3-wire 220V AC
MAL-230x
SPD2
MALN-230
ACC
CNB2-5
Three-phase
/3-wire
(delta
connection)
Three-phase
/4-wire
(star
connection)
(N)
SPD2
Protected
device
SPD2
G
L2
L1
L3
ACC
SPD1 SPD1
POWER (e.g.)
SPD1
MAL-400A
MAL-230x
SPD2
MALN-230
MALN-230
ACC
CNB2-7
CNB2-7
N
Protected
device
G
L1
L2
L3
ACC
SPD1 SPD1 SPD1
Generator or transformer
Generator or transformer
Generator or transformer
Generator or transformer
Circuit
breaker
Circuit
breaker
Circuit
breaker
Circuit
breaker
Single-phase/2-wire 220V AC
Single-phase/2-wire 110V AC
Three-phase/4-wire 220V AC
Three-phase/4-wire 400V AC
Three-phase
/3-wire
(V connection)
Three-phase
/4-wire
(V connection)
SPD2
POWER (e.g.)
SPD1
Three-phase/4-wire 220V AC
MAL-230x
SPD2
MALN-230
ACC
CNB2-7
Protected
device
G
ACC
SPD1 SPD1 SPD1
N
L1
L2
L3
*1. Wiring only for three-phase/4-wire
Generator or transformer
Circuit
breaker
*1
■ CONNECTION EXAMPLES BY POWER SYSTEMS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com