Electronic Components Datasheet Search
  English  ▼

X  

MALN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MALN
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MALN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MALN Datasheet HTML 1Page - M-System Co.,Ltd. MALN Datasheet HTML 2Page - M-System Co.,Ltd. MALN Datasheet HTML 3Page - M-System Co.,Ltd. MALN Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MALN
MALN SPECIFICATIONS
ES-8163 Rev.1 Page 1/4
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
ONE-PORT SURGE PROTECTOR
BETWEEN NEUTRAL AND PROTECTIVE EARTH
(class I)
Functions & Features
• Designed to protect electronics equipment from direct
lightning surges entering through power supply cable
• One-port surge protector according to IEC61643-1
• Connected between neutral and protective earth
• High discharge current capacity of 100 kA (10/350 μsec.)
• Protect against overvoltage between N and PE caused by
earth fault
Typical Applications
• Protection between N and PE of TT system
• Installation in service entrance switch gear
98
[3.86]
64
[2.52]
mm [inch]
35 [1.38]
MODEL: MALN–230
ORDERING INFORMATION
• Code number: MALN-230
OPERATIONAL VOLTAGE
230: 230 V AC
RELATED PRODUCTS
• Wiring bridge (model: CNB2)
• One-port surge protector for power supply use (model:
MAL)
■ Coordination of surge protector (Class II)
Unnecessary when this surge protector and the device to
protect are adjacent (less than 10 m).
• One-port surge protector for power supply use (model:
MAKF)
• One-port surge protector between N and PE (model:
MAKN)
• Lightning surge protector for three-phase power supply
(model: MAT2)
GENERAL SPECIFICATIONS
Degree of protection: IP20
Surge protection type: Voltage switching type one-port SPD
(IEC 61643-1)
Discharge element: Gas discharge tube
Connection: Push-lock screw terminal (torque: 4.5 N·m)
Applicable wire size: 8 - 35 mm2, stripped length 15 mm
Housing material: Flame-resistant resin
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 230 g (0.51 lb)
PERFORMANCE
Response time: ≤ 50 nsec.
Maximum discharge current: 100 kA (10/350 μsec.)
Surge protection: IEC 61643-1 Class I
Uc
(AC) (V)
DISCHARGE
VOLTAGE
(V min)
Up
(V max)
255
400
4000
Uc = Maximum continuous operational voltage
Up = Voltage protection level
STANDARDS & APPROVALS
EU conformity:
Low Voltage Directive
EN 61643-11
RoHS Directive


Similar Part No. - MALN

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL MMD-MAL Datasheet
111Kb / 2P
MAP, MAL & MAV Series Oscillator
logo
M-System Co.,Ltd.
MAL MSYSTEM-MAL Datasheet
169Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAL-230A MSYSTEM-MAL-230A Datasheet
169Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAL-230Y MSYSTEM-MAL-230Y Datasheet
169Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Unity Opto Technology
MAL-3401 UOT-MAL-3401 Datasheet
47Kb / 2P
The PLCC Strip signage light module is comprised of a linear array of solid state light emitting diodes
More results

Similar Description - MALN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com