Electronic Components Datasheet Search
  English  ▼

X  

MAKN Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MAKN
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAKN Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MAKN Datasheet HTML 1Page - M-System Co.,Ltd. MAKN Datasheet HTML 2Page - M-System Co.,Ltd. MAKN Datasheet HTML 3Page - M-System Co.,Ltd. MAKN Datasheet HTML 4Page - M-System Co.,Ltd. MAKN Datasheet HTML 5Page - M-System Co.,Ltd. MAKN Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: MAKN
MAKN SPECIFICATIONS
ES-8142 Rev.3 Page 3/6
http://www.m-system.co.jp/
CONNECTION EXAMPLES
*1
*3
ED
EB
*4
1) : Protective device of the switchgear
2) : Switchgear
3) : Main earth terminal or busbar
4) : MAKF
4)a : MAKN
5) : Earth conductor
5)a and/or 5)b
6) : Protected device
F : Circuit breaker
EB : Mains earth electrode
ED : Switchgear's earth electrode
1)
2)
3)
6)
4)
4)
4)
4)
4)
4)
4)a
5)a
5)b
F
N
*2
L2
L1
L3
PE
N
Residual
Current
Circuit
Breaker
*1. The circuit breaker must be installed. Molded-case circuit breaker (MCCB) or residual current circuit breaker with overcurrent protection (RCD) can be used.
The rated interrupting capacity of the circuit breaker must be greater than the highest amount of current that could be available in the circuit.
Install MCCB (rated current 20 – 30A) that has element for each phase. Or RCD with protection from nuisance tripping against transit voltages type or time-delay
overcurrent protection type is recommended.
Recommended sensitivity current rating: 30mA
*2. Cable length between the branch point and the earthing: 0.5 meters or less recommended
*3. The protected device's metal enclosure must be cross-wired to the earth terminal of the MAKN. If the protected device has no earth terminal, earth only the MAKN.
*4. In order to protect an electronic circuit such as measuring equipment or communication equipment, we recommend to use surge protectors which have serial
impedance incorporated such as M-System's models MAX, MMA or MAH.
■ INSTALLATION EXAMPLES
When power supply side (N) and equipment side (PE) are earthed independently (TT system), installs this unit between N and PE. Install one-port
surge protector for power supply (model: MAKF) between L to L and L to N. The installation procedure of the three-phase/4-wire system is shown
below as an example.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com