Electronic Components Datasheet Search
  English  ▼

X  

MAKN Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MAKN
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAKN Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MAKN Datasheet HTML 1Page - M-System Co.,Ltd. MAKN Datasheet HTML 2Page - M-System Co.,Ltd. MAKN Datasheet HTML 3Page - M-System Co.,Ltd. MAKN Datasheet HTML 4Page - M-System Co.,Ltd. MAKN Datasheet HTML 5Page - M-System Co.,Ltd. MAKN Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: MAKN
MAKN SPECIFICATIONS
ES-8142 Rev.3 Page 2/6
http://www.m-system.co.jp/
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail; Surface mounting available with the
Single Mount Adaptor model: MBS.
Weight: 100 g (3.53 oz)
PERFORMANCE
Response time: ≤ 100 nsec
Maximum discharge current: 40 kA (8/20 μsec.)
Nominal discharge current: 20 kA (8/20 μsec.)
TOV value: 1200 V/0.2 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
(N or PE to alarm output)
Dielectric strength: 2000 V AC @1 minute
(N or PE to alarm output)
Surge protection: IEC 61643-1 Class II
Leakage current: ≤ 100 μA at the discharge voltages listed
in the table below.
MAKN-220
260
400
MODEL
Uc
(AC) (V)
DISCHARGE
VOLTAGE
(Vmin)
Up
1500
@6kV (1.2/50 µs),
5kA (8/20 µs) (Vmax)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com