Electronic Components Datasheet Search
  English  ▼

X  

OZ9936IGN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OZ9936IGN
Description  OZ9936 / LCD Monitor CCFL Inverter Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9936IGN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button OZ9936IGN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 10Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
OZ9936
CONFIDENTIAL
OZ9936-DS-1.1
Page 8
PACKAGE INFORMATION – 8-PIN SOIC: OZ9936G (150mil)
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
c
0.008
0.010
0.19
0.25
E
0.150
0.157
3.80
4.00
e
0.050 BSC.
1.27 BSC.
H
0.228
0.244
5.80
6.20
h
0.010
0.020
0.25
0.50
S
0.0155
0.0255
0.394
0.648
θ
0
°
8
°
0
°
8
°
D
-
-
4.80
5.00
JEDEC
MS-012AA
Notes
:
1.
Controlling dimensions are in millimeter (mm).
2.
Pin #1 count orientation shall be in counterclockwise direction as viewed in live-bug position.
E
H
e
B
1
c
S
0.10MM
SEATING PLANE
0.25
θ
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com