Electronic Components Datasheet Search
  English  ▼

X  

OZ9936IGN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OZ9936IGN
Description  OZ9936 / LCD Monitor CCFL Inverter Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9936IGN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OZ9936IGN Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ9936IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
OZ9936
CONFIDENTIAL
OZ9936-DS-1.1
Page 2
PIN DESCRIPTION
Names
Pin No.
Description
ENA_SST_CMP
1
Enable, Soft Start Time and Compensation for Current and Voltage
RT
2
Timing Resistor to Provide Striking and Operating Frequency
GNDA
3
Ground
DRV2
4
N MOSFET Drive Output
DRV1
5
N MOSFET Drive Output
VDDA
6
Supply Voltage
DIM
7
Dimming Voltage Adjust Input
ISEN
8
Current Sense Feedback
ABSOLUTE MAXIMUM RATINGS
(1)
Input Voltage VDDA
7.0V
GNDA
+/- 0.3V
Signal Inputs
-0.3V to VDDA +0.3V
OZ9936
OZ9936I
Operating Temp.
0
oC to +70oC-40oC to +85oC
Operating Junction Temp.
125
oC
Storage Temp.
-55
oC to 150oC
RECOMMENDED OPERATING RANGE
VDDA - Input Voltage
4.5V to 5.5V
fop - Operating Frequency
30KHz to 150KHz
Thermal Impedance
(θJ-A)
-
8-pin PDIP
-
8-pin SOIC
74
oC/W
113
oC/W
Note
(1)
: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed.
The device should not be operated at these limits. The “Electrical Characteristics” table defines the conditions for actual
device operation. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com