Electronic Components Datasheet Search
  English  ▼

X  

CMS03 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CMS03
Description  Pioneer BA49183 RDS MEDIA CENTER RECEIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMS03 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CMS03 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 8Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MVH-X360BT/XINEW5
4
12
3
4
12
3
4
C
D
F
A
B
E
1. SERVICE PRECAUTIONS
1.1 SERVICE PRECAUTIONS
1.2 NOTES ON SOLDERING
1. You should conform to the regulations governing the product (safety, radio and noise, and other
regulations), and should keep the safety during servicing by following the safety instructions
described in this manual.
2. Before disassembling the unit, be sure to turn off the power. Unplugging and plugging the connectors
during power-on mode may damage the ICs inside the unit.
3. Be careful in handling ICs. Some ICs such as MOS type are so fragile that they can be damaged by
electrostatic induction.
4. Notes about installation and pin number description of Power IC (IC301: PA2032A)
The Power IC, PA2032A used on tha Tuner Amp Unit is a 25 pin IC.
The same PCB of the Tuner Amp Unit is used for other models that use a 27 pin IC, too.
So, the PCB has lands for a 27 pin IC.
When you replace the Power IC, install the Power IC onto 25 pins (2- 26 pin) located in the center of 27 pins for IC301.
Therefore, when you check the Power IC on the block diagram, the schematic diagram and the PCB connection
diagram, you have to pay attention as follows.
BLOCK DIAGRAM
SCHEMATIC DIAGRAM
The pin number of left side is a number
on the PCB (silk printing).
The pin number of right side (in the IC frame)
means the pin number of IC itself.
The pin number is a number on the PCB
(silk printing).
The number in parentheses means the
pin number of IC itself.
10 (9)
8 (7)
6 (5)
4 (3)
26 (25)
H-SW
12 (11)
13 (12)
23 (22)
2 (1)
OFF.DET
No connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
No connection
For environmental protection, lead-free solder is used on the printed circuit boards mounted in this unit.
Be sure to use lead-free solder and a soldering iron that can meet specifications for use with lead-free solders for repairs
accompanied by reworking of soldering.
Compared with conventional eutectic solders, lead-free solders have higher melting points, by approximately 40 C.
Therefore, for lead-free soldering, the tip temperature of a soldering iron must be set to around 373 C in general, although
the temperature depends on the heat capacity of the PC board on which reworking is required and the weight of the tip of
the soldering iron.
Compared with eutectic solders, lead-free solders have higher bond strengths but slower wetting times and higher melting
temperatures (hard to melt/easy to harden).
The following lead-free solders are available as service parts:
Parts numbers of lead-free solder:
GYP1006 1.0 in dia.
GYP1007 0.6 in dia.
GYP1008 0.3 in dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com