Electronic Components Datasheet Search
  English  ▼

X  

CMS03 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CMS03
Description  Pioneer BA49183 RDS MEDIA CENTER RECEIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMS03 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CMS03 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 8Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 9Page - List of Unclassifed Manufacturers CMS03 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MVH-X360BT/XINEW5
6
12
3
4
12
3
4
C
D
F
A
B
E
MVH-X360BT/XINUC
Backup current.................. 4.0 mA or less
General
Power source ...................14.4 V DC (10.8 V to 15.1 V al-
lowable)
Grounding system ............Negative type
Maximum current consumption
................................... 10.0 A
Dimensions (W × H × D):
DIN
Chassis ............................ 178 mm × 50 mm × 165 mm
(7 in. × 2 in. × 6-1/2 in.)
Nose ................................ 188 mm × 58 mm × 16 mm
(7-3/8 in.× 2-1/4 in.× 5/8 in.)
D
Chassis ............................ 178 mm × 50 mm × 165 mm
(7 in.× 2 in.× 6-1/2 in.)
Nose ................................ 170 mm × 46 mm × 16 mm
(6-3/4 in.× 1-3/4 in.× 5/8 in.)
Weight ............................. 0.7 kg (1.5 lbs)
Audio
Maximum power output ... 50 W × 4
70 W × 1/2
Ω (for subwoofer)
Continuous power output
................................... 22 W × 4 (50 Hz to 15 000 Hz,
5 % THD, 4
Ω load, both chan-
nels driven)
Load impedance .............. 4
Ω (4 Ω to 8 Ω allowable)
Preout maximum output level
................................... 2.0 V
Loudness contour ............ +10 dB (100 Hz), +6.5 dB
(10 kHz) (volume:–30 dB)
Equalizer (5-Band Graphic Equalizer):
Frequency ........................ 80 Hz/250 Hz/800 Hz/2.5 kHz/
8 kHz
Equalization range ........... ±12 dB (2 dB step)
Subwoofer (mono):
Frequency ........................ 50 Hz/63 Hz/80 Hz/100 Hz/
125 Hz/160 Hz/200 Hz
Slope ............................... –12 dB/oct, –24 dB/oct
Gain ................................ +6 dB to –24 dB
Phase .............................. Normal/Reverse
USB
USB standard specification
................................... USB 2.0 full speed
Maximum current supply
................................... 1 A
USB Class ....................... MSC (Mass Storage Class)
File system....................... FAT12, FAT16, FAT32
MP3 decoding format ...... MPEG-1 & 2 Audio Layer 3
WMA decoding format ..... Ver. 7, 7.1, 8, 9, 10, 11, 12 (2 ch
audio)
(Windows Media Player)
WAV signal format ...........Linear PCM & MS ADPCM
(Non-compressed)
FM tuner
Frequency range .............. 87.9 MHz to 107.9 MHz
Usable sensitivity ............. 9 dBf (0.8 µV/75
Ω , mono, S/N:
30 dB)
Signal-to-noise ratio ......... 72 dB (IHF-A network)
AM tuner
Frequency range .............. 530 kHz to 1 710 kHz
Usable sensitivity ............. 25 µV (S/N: 20 dB)
Signal-to-noise ratio ......... 62 dB (IHF-A network)
Bluetooth
Version ............................ Bluetooth 3.0 certified
Output power ................... +4 dBm Maximum
(Power class 2)
CEA2006 Specifications
Power output ................... 14 W RMS × 4 Channels (4
Ω
and
1 % THD+N)
S/N ratio .......................... 91 dBA (reference: 1 W into
4
Ω)
Note
Specifications and the design are subject to
modifications without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com