Electronic Components Datasheet Search
  English  ▼

X  

SSRK Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SSRK
Description  10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRK Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SSRK Datasheet HTML 1Page - TE Connectivity Ltd SSRK Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output Specifications (@ +25˚C unless otherwise specified)
Parameter
Conditions
Nom. Line Voltage
Units
10A Rated Units
20A Rated Units
30A Rated Units
Load Voltage VL
f = 47 - 63Hz
240 V model
V rms
24 - 240
24 - 240
24 - 240
600 V model
V rms
48 - 660
48 - 660
48 - 660
Repetitive Blocking Voltage (Min.)
240 V model
V peak
600
600
600
600 V model
V peak
1200
1200
1200
Load Current IL*
240 V & 600 V model
A rms
0.15 - 10
0.15 - 20
0.15 - 30
Single Cycle Surge Current (Min.)
240 V model
A peak
83
300
800
600 V model
A peak
300
300
800
Leakage Current (Off-State) (Max.) f = 60Hz. - VL = 600Vrms 240 V & 600 V model
mA rms
5
5
5
On-State Voltage Drop (Max.)
IL=Max.
240 V model
V peak
1.8
1.8
1.8
600 V model
V peak
1.6
1.6
1.8
Static dv / dt (Off-State) (Min.)
VL=Max.
240 V model
V/μs
200
300
500
600 V model
V/μs
300
300
500
Turn-On Time (Max.)
f = 60Hz.
240 V & 600 V model
ms
10 for DC Input Models, 40 for AC Input Models
Turn-Off Time (Max.)
240 V & 600 V model
ms
10 for DC Input Models, 80 for AC Input Models
I²t Rating (Max.)
t = 8.3 ms
240 V model
A²s
41
510
3745
600 V model
A²s
510
510
3745
Load Power Factor Rating (Min.)
IL=Min.
240 V & 600 V model
0.5
0.5
0.5
Electrical Characteristics (Thermal Derating Curves)
* See Derating curve
SCR Output Modules
Outline Dimensions
Solid State Relay
SSRK Series (Continued)
02-2018, Rev. 0218
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com