Electronic Components Datasheet Search
  English  ▼

X  

SSRK Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SSRK
Description  10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRK Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SSRK Datasheet HTML 1Page - TE Connectivity Ltd SSRK Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4. Maximum Switching Rating / Output: 10 = 10.0A rms
20 = 20.0A rms
30 = 30.0A rms
Input Specifications
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 4000V rms input-to-output-to-ground.
Insulation Resistance: 109 Ohms, minimum, at 500VDC.
Capacitance: 8.0 pf maximum (input to output).
Temperature Range:
Storage: –30°C to +100°C
Operating: –30°C to + 80°C
Case and Mounting: Refer to outline dimension drawing.
Termination:
Load & Control: Finger safe (IP20) screw clamps accepting
wire size up to #10 AWG (3 mm).
Ground: #10 screw with 5/16 in. hex/slottted head.
Installation Spacing: Minimum 0.8 in (20 mm) space between units.
Approximate Weight: 9.87 oz. (280g).
SSRK-240A20
SSRK-240A30
SSRK-600A30
SSRK-240D20
SSRK-240D30
SSRK-600D30
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Features
• Narrow (22.5mm), DIN mount design with integral heatsink.
• Choice of 10, 20 or 30A rms inverse-parallel connected SCR output.
• 24-240VAC and 48-660VAC output types.
• 3 - 32VDC, 4 - 32VDC or 90 - 280Vrms input control.
• 4000V rms optical isolation.
• Green LED input status indicator.
• Finger-safe (IP20) screw clamp terminals for load and control.
• Ground terminal.
Parameter
Conditions
AC Control Units
DC Control Units
240 V
600V
Control Voltage Range VIN
@25°C
90 - 280 Vrms
3 -32 VDC
4 -32 VDC
Must Operate Voltage VIN(OP) (Min.)
@25°C
90 Vrms
3 VDC
4 VDC
Must release Voltage VIN(REL) (Min.)
@25°C
10 Vrms
1 VDC
1 VDC
Input Current Range(Typ.)
@25°C
7.5mA @ 120 Vrms, 16mA @ 240 Vrms
18mA @ 5Vdc
9.5 - 30 mA
File E29244
Users should thoroughly review the technical data before selecting a
product part number. It is recommended that users also seek out the
pertinent approvals files of the agencies/laboratories and review them to
ensure the product meets the requirements for a given application.
10-30A DIN Mount Solid State Relay
With Paired SCR Output, Integral Heatsink
Typical Part Number
>
SSRK –600 A
1. Basic Series: SSRK = Slim Solid State Relay with Integral Heatsink for DIN Rail Mounting
2. Line Voltage: 240 = 24 - 240 VAC
600 = 48 - 660 VAC
3. Input Type & Voltage: A = 90 - 280 VAC
D = 3 - 32VDC for 240V / 4 - 32VDC for 600V
Ordering Information
30
Solid State Relay
SSRK Series
02-2018, Rev. 0218
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield


Similar Part No. - SSRK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRK MACOM-SSRK Datasheet
400Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK-600A10 MACOM-SSRK-600A10 Datasheet
400Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK-600A20 MACOM-SSRK-600A20 Datasheet
400Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK-600A30 MACOM-SSRK-600A30 Datasheet
400Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK-600D10 MACOM-SSRK-600D10 Datasheet
400Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
More results

Similar Description - SSRK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRA MACOM-SSRA Datasheet
349Kb / 2P
2A Miniature, SIP Solid State Relay With Paired SCR Output
SSRC MACOM-SSRC Datasheet
372Kb / 2P
5A SIP Solid State Relay With Paired SCR Output
SSRF MACOM-SSRF Datasheet
367Kb / 2P
25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK MACOM-SSRK Datasheet
400Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRM MACOM-SSRM Datasheet
376Kb / 2P
45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
?쏦ockey Puck??Solid State Relay With Paired SCR Output
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
Solid State Relay With Paired SCR Output
logo
TE Connectivity Ltd
SSRA TEC-SSRA Datasheet
181Kb / 2P
2A Miniature, SIP Solid State Relay With Paired SCR Output
SSRC TEC-SSRC Datasheet
372Kb / 2P
5A SIP Solid State Relay With Paired SCR Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com