Electronic Components Datasheet Search
  English  ▼

X  

BU508AF Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BU508AF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU508AF Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BU508AF Datasheet HTML 7Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 8Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 9Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 10Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 11Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 12Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 13Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 14Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Order #
(1-9)
74393
$2.88
75188
1.04
75189
1.04
74C221
7.89
74C244
3.41
74F04
0.55
74F08
0.34
74F244
0.97
74H04
1.43
74HC00
0.58
74HC02
1.75
74HC04
1.21
74HC08
1.61
74HC10
1.50
74HC123
0.81
74HC125
0.95
74HC132
0.92
74HC138
2.31
74HC14
0.59
74HC151
1.01
74HC153
0.81
74HC164
0.68
74HC174
0.42
74HC175
0.87
74HC221
2.31
Order #
(1-9)
74HC237
$3.79
74HC244
2.27
74HC245
0.68
74HC257
1.01
74HC257D* 0.37
74HC259
1.41
74HC273
0.92
74HC32
0.35
74HC367
0.68
74HC393
1.24
74HC4040
1.39
74HC4053
1.14
74HC4066
0.92
74HC4538
1.17
74HC540
1.04
74HC595
1.14
74HC74
1.23
74HC86
1.10
74HCT04
0.45
74HCT08
0.45
74HCT138
0.46
74HCT14
0.81
74HCT157
0.53
74HCT161
1.18
74HCT163
1.18
Order #
(1-9)
74HCT174 $0.84
74HCT240
1.35
74HCT244
0.58
74HCT245
0.45
74HCT273
0.92
74HCT32
0.52
74HCT373
0.76
74HCT374
0.87
74HCT541
1.14
74HCT574
1.04
74HCT74
0.68
74HCT86
0.45
74LS00
0.35
74LS00N
0.35
74LS01
1.00
74LS02
0.65
74LS03
1.00
74LS04
0.45
74LS05
0.67
74LS06
2.12
74LS07
2.82
74LS08
0.50
74LS09
1.00
74LS10
0.51
74LS107
1.01
Order #
(1-9)
74LS109
$0.90
74LS11
0.73
74LS112
0.82
74LS113
0.89
74LS114
0.89
74LS12
1.31
74LS122
1.30
74LS123
1.14
74LS125
1.33
74LS126
1.05
74LS13
3.26
74LS132
2.03
74LS136
1.02
74LS138
0.87
74LS139
0.74
74LS14
0.87
74LS15
1.00
74LS151
0.80
74LS153
2.41
74LS154
5.32
74LS155
2.41
74LS156
1.58
74LS157
0.83
74LS158
1.16
74LS160
2.14
Order #
(1-9)
74LS161
$1.14
74LS162
2.52
74LS163
3.23
74LS164
0.89
74LS168
2.95
74LS170
3.91
74LS173
1.64
74LS174
2.85
74LS175
0.91
74LS181
4.42
74LS190
2.52
74LS191
3.91
74LS192
2.76
74LS193
1.10
74LS194
1.21
74LS196
2.66
74LS197
1.93
74LS20
0.50
74LS21
0.73
74LS22
1.00
74LS221
3.04
74LS240
1.82
74LS241
3.71
74LS243
3.38
74LS244
1.41
Order #
(1-9)
74LS245
$1.61
74LS247
2.22
74LS248
2.66
74LS249
2.22
74LS251
1.05
74LS253
2.70
74LS257
3.75
74LS258
2.41
74LS259
1.45
74LS260
0.86
74LS266
0.99
74LS27
1.00
74LS273
1.80
74LS279
0.90
74LS28
1.00
74LS283
2.76
74LS290
1.30
74LS293
1.35
74LS295
1.86
74LS30
1.00
74LS32
0.82
74LS33
1.00
74LS352
1.83
74LS366
1.22
74LS367
0.75
Order #
(1-9)
74LS368
$1.09
74LS37
0.86
74LS373
1.08
74LS374
1.75
74LS377
4.99
74LS379
1.88
74LS38
0.92
74LS386
0.96
74LS390
2.07
74LS393
1.04
74LS40
1.00
74LS42
0.70
74LS47
1.89
74LS48
2.30
74LS49
1.01
74LS51
1.00
74LS54
1.00
74LS541
3.30
74LS55
1.00
Order #
(1-9)
74LS629
$4.89
74LS670
4.26
74LS73
1.18
74LS74
0.67
74LS75
0.84
74LS76
1.09
74LS78
1.07
74LS83
2.58
74LS85
2.91
74LS86
0.65
74LS90
1.77
74LS93
1.04
74S02
1.28
74S04
1.15
7805CT
1.99
7812UC
0.93
78L05
1.22
78L08
2.16
78L12
1.22
Order #
(1-9)
78L15
$1.22
78L18
1.22
78LR05
4.49
78M05
0.30
78MR05
1.95
79L05
1.22
79L12
1.22
79L15
2.08
8.2V 1W
0.29
8461-0538
7.59
9.1V 1/2W
0.19
9.1V 1W
0.29
93C46N
2.19
951X
22.29
953X
23.05
347
Order Toll Free
1-800-543-4330
Fax
1-800-765-6960
NET 30
Terms
Semiconductors/
Components
section
16
New semiconductors are printed in purple.
ON Semiconductor, formerly a division of Motorola,
is the world’s leading supplier of analog, logic,
power and discrete semiconductor components.
These power and interface products are an integral
part of electronics that provide the security,
convenience and entertainment in today's world.
ON Semiconductors are manufactured to the highest
quality and have the reliability that service
technicians can depend on.
Note: To ensure that you receive original ON products,
please specify M-before the part number.
Order #
(1-4)
(5-9) (10-29)
M-1N4007
$0.29 $0.27 $0.24
M-1N751A
0.13
0.12
0.11
M-2N3772
3.27
2.89
2.58
M-2N3773
3.12
2.76
2.46
M-2N3906
0.23
0.21
0.19
M-2N5457
0.67
0.59
0.50
M-2N5462
0.45
0.42
0.37
M-2N5486
0.12
-
-
M-2N6287
5.64
5.00
4.45
M-2N6488
1.16
1.04
0.91
M-2N6490
1.10
1.07
1.03
M-2N6509
2.56
2.21
1.96
M-IRF511
10.95 10.07
9.26
M-IRF540
4.54
4.06
3.70
M-LM311N
0.72
0.65
0.57
M-LM337T
1.39
1.25
1.07
M-M0C3010
2.97
2.73
2.51
M-M0C3020
3.79
3.49
3.21
M-M0C3021
3.79
3.49
3.21
M-M0C3030
5.89
5.42
4.99
Order #
(1-4)
(5-9) (10-29)
M-M0C3041
$5.39 $4.96 $4.56
M-M0C70T1
3.33
2.87
2.55
M-MC78PC50NTR 0.38
-
-
M-MC7905CT
0.92
0.82
0.71
M-MC7915CT
0.72
0.65
0.57
M-MJ11032
9.60
8.50
7.57
M-MJ15015
2.14
1.82
1.37
M-MJ2955
2.31
1.97
1.49
M-MJ802
4.10
3.63
3.22
M-MJE15030
0.87
0.79
0.70
M-MJE243
1.85
1.67
1.43
M-MOC3010
2.97
2.73
2.51
M-MOC3020
3.79
3.49
3.21
M-MOC3021
3.79
3.49
3.21
M-MOC3030
5.89
5.42
4.99
M-MOC3041
5.39
4.96
4.56
M-MPF102
0.50
0.45
0.40
M-MPSA05
0.24
0.23
0.19
M-MPSA06
0.29
0.27
0.24
M-MPSA13
0.34
0.31
0.28
Order #
(1-4)
(5-9) (10-29)
M-MPSA14
$0.39 $0.36 $0.33
M-MPSA18
0.56
0.52
0.45
M-MPSA20
0.32
0.29
0.26
M-MPSA42
0.11
0.10
0.09
M-MPSA56
0.24
0.23
0.19
M-MPSU10
11.80 10.69
9.73
M-MPSU95
34.92 32.72 30.12
M-MRF476
3.11
2.70
2.34
M-MUR420
0.18
-
-
M-MUR460
0.48
0.45
0.40
M-T2800D
1.05
0.95
0.83
M-TIP102
0.89
0.81
0.71
M-TIP107
1.01
0.92
0.80
M-TIP122
0.86
0.78
0.68
M-TIP147
2.58
2.32
2.00
M-TIP32C
0.45
0.39
0.35
M-TIP42C
0.84
0.77
0.67
M-TL084CN
1.53
1.34
1.14
ELENCO Basic Parts Kit
Contains: Resistors: 1⁄4W, five each, 10Ω, 100Ω, 470Ω,
1KΩ, 2.2KΩ, 4.7KΩ, 8.2KΩ, 10KΩ, 18KΩ, 27KΩ, 47KΩ,
82KΩ, 100KΩ, 220KΩ, 330KΩ, 470KΩ, 1MΩ.
Electrolytic Capacitors: 50V radial, two each, 1µF,
4.7µF, 10µF, 47µF, 100µF, 470µF, 1000µF.
Mylar Capacitors: 100V Radial DIP, two each, .001µF,
.0047µF, .01µF, .047µF, .1µF, .33µF.
Ceramic Disc Capacitors: 500V, two each, 2.2pF, 4.7pF,
10pF, 1pF, 22pF, 47pF, 100pF, 220pF, 470pF, 680pF.
Inductors: One each, 4.7µH, 10µH, 47µH, 100µH,
470µH, 1mH, 10mH, 33mH.
Trimpots: Single turn, one each, 500Ω, 1KΩ,
5KΩ, 50KΩ, 100KΩ, 500KΩ, 1MΩ.
Switches: Two each, push-button, SPDT slide,
DPDT slide, 8-position DIP.
LEDs: Standard T 1 3⁄4 size, 5 each, red, green, yellow.
Displays: Two each, 7-segment common cathode, 7-segment common anode.
Integrated Circuits: Two each, 7805, 7812 regulators, LM386 audio amp, 555 timer,
741 Op-amp, 74LS00, 74LS02, 74LS08, 74LS10, 74LS47, 74LS74, 74LS86, CD4013, CD4017.
Transistors: Two each, PN2222, PN2907, 2N3055, 2N3904, 2N3906, 2N5457.
Diodes: Two each, 1N4148, 1N4001, 1N34, 1N4728, 1N4733, 1N4739, 1N4743, 1N4747.
Miscellaneous: 25' 22AWG hook-up wire, alligator lead sets (red and black), 5V DIP relay, photo cell,
microphone, speaker, buzzer, 9V battery snap, 1.5A 100V bridge, 4A 200V SCR. All housed in a plastic
parts container, dimensions: 11" x 7" x 11⁄2"
Order #
(1-4 kits)
(5 kits-up)
102-150
$79.95
$75.95
Printed Circuit Board Fuses
•Popular in stereos and televisions •250V
•Five per box
$8.31(1-19 bxs)
$7.48(20-199 bxs)
$6.41(200 bxs-up)
Order #
Current
28-2100
1.6A
28-2115
3.15A
Order #
Current
28-2110
5A
Silicon Free
Heat Sink Compound
Silicone free compound is applied under power
transistors and other heat generating devices
to assist in transferring heat to metal chassis
for dissipation. Product will not harden, dry
out, melt, or contaminate wave solder baths.
Exceptionally low bleed and evaporation
characteristics allow use with both metal
and plastic cap transistors. Designed to
eliminate silicone migration. Temperature
range from -40°C~200°C. 4 oz. squeeze tube.
Mfr. #1978-DP.
Order #
(1-5)
(6-11)
(12-23)
(24-up)
20-2145
$22.95
$22.26
$21.80
$20.88
Silicone
Heat Sink
Compound
•Used for heat transfer from semiconductor devices
to mounting points •White •Will not dry or harden
•1 oz. tube
Order #
(1-5)
(6-11)
(12-23)
(24-up)
20-300
$6.49
$6.17
$5.65
$5.14
Silicone Heat Sink Compound
Used to coat bases of power transistors and
semiconductors when assembling them to heat sinks.
Highly conductive grease draws heat away from device
allowing it to run cooler. Net wt. 4 oz.
Order #
(1-5)
(6-11)
(12-23)
(24-up)
20-1975
$15.95
$15.05
$14.35
$13.65
C52_pg_337~347
8/16/07
11:47 AM
Page 347



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com