Electronic Components Datasheet Search
  English  ▼

X  

BU508AF Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # BU508AF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU508AF Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button BU508AF Datasheet HTML 10Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 11Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 12Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 13Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 14Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 15Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 16Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 17Page - List of Unclassifed Manufacturers BU508AF Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Output
Input
ERS/ECG/NTE
Voltage
Io
Voltage
Cross
Positive/
VOUT
A
V In (DC)
PD
Order #
Reference
Negative
(DC)
D/C
Max
Min
Watts
TO-92
78L05
977
Positive
5
0.1
30
7
0.7
79L05
1917
Negative
5
0.1
30
7
0.7
78L08
981
Positive
8
0.1
30
10
1.0
78L12
950
Positive
12
0.1
35
14
0.7
79L12
1903
Negative
12
0.1
35
14
0.7
78L15
951
Positive
15
0.1
35
17
0.7
79L15
1905
Negative
15
0.1
35
17
0.7
78L18
1906
Positive
18
0.1
35
20
0.7
SK10050
1908
Positive
24
0.1
40
26
0.7
TO-220
7805
960
Positive
5
1.0
35
7
15
7905
961
Negative
5
1.0
35
7
15
7806
962
Positive
6
1.0
35
8
15
7906
963
Negative
6
1.0
35
8
15
Output
Input
ERS/ECG/NTE
Voltage
Io
Voltage
Cross
Positive/
VOUT
A
V In (DC)
PD
Order #
Reference
Negative
(DC)
D/C
Max
Min
Watts
TO-220
7808
964
Positive
8
1.0
35
10
15
7908
965
Negative
8
1.0
35
10
15
7810
1932
Positive
10
1.0
35
12
20
7812
966
Positive
12
1.0
35
14
15
7912
967
Negative
12
1.0
35
14
15
7815
968
Positive
15
1.0
35
17
15
7915
969
Negative
15
1.0
35
17
15
7818
958
Positive
18
1.0
35
20
15
7918
959
Negative
18
1.0
35
20
15
7824
972
Positive
24
1.0
40
26
15
7924
971
Negative
24
1.0
40
26
15
TO-3
LM309
309K
Positive
5
1.5
35
7.5
20
SK9334
1913
Negative
5
1.5
35
7.5
20
L7812
1914
Positive
12
1.5
35
14.1
15
M-MC7915CT 1919
Negative
15
1.5
40
17.4
20
SK10053
1920
Positive
18
1.5
35
20.5
20
SK10054
1923
Negative
18
1.5
35
20.5
20
350
Order Online
www.mcmelectronics.com
NET 30
Terms
Semiconductors/
Components
section
16
IC Protectors,
Surface Mount
•Features very reliable current cut-off capability that
protects ICs and their circuits from accidental short
circuit loads •50V •Operating temperature:
-55~+125°C
Order #
Current (A)
(1-9)
(10-24)
ICP-S0.5
.5
$1.19
$1.16
ICP-S0.7
.7
1.19
1.16
ICP-S1.0
1.0
0.99
0.97
ICP-S1.2
1.2
0.69
0.68
ICP-S1.8
1.8
0.99
0.97
ICP-S2.3
2.3
0.69
0.66
IC Protectors
Original IC protectors
used in many brands of
VCRs and camcorders like JVC,
RCA, Hitachi, Zenith and Sony.
Order #
Current(A)
(1-9)
(10-up)
ICP-F10
.4
$0.59
$0.52
ICP-F15
.6
0.59
0.54
ICP-F20
.8
0.59
0.52
ICP-F25
1.5
0.59
0.54
ICP-F38
1.54
0.59
0.52
ICP-F50
2.0
0.59
0.52
ICP-F75
2.7
0.59
0.54
ICP-N5
.25
0.59
0.52
ICP-N10
.4
0.59
0.52
ICP-N15
.6
0.59
0.54
ICP-N20
.8
0.59
0.54
ICP-N25
1.0
0.59
0.54
ICP-N38
1.5
0.59
0.54
ICP-N50
2.0
0.59
0.54
ICP-N70
2.5
0.59
0.54
ICP-N75
2.7
0.59
0.54
#ICP-F
#ICP-N
Low-Profile Machined
Pin Solder-Tail Sockets
Order #
Pins Contact Plating (1-9) (10-49) (50-up)
28-8168
18
Gold
$1.32
$1.23
$1.12
28-8182
24
Tin
1.32
1.23
1.12
28-8185
40
Tin
2.08
—
—
28-8174
48
Gold
3.18
3.08
2.86
28-8186
48
Tin
2.64
2.60
2.38
Wire-Wrap DIP Sockets
•Standard profile DIP sockets
with wire-wrap termination
Contact
Order #
Pins
Plating
(1-9)
(10-49)
(50-up)
28-8150
14
Gold
$1.75
$1.69
$1.46
28-8152
16
Gold
1.98
1.92
1.69
28-8153
16
Tin
1.64
1.58
1.36
28-8155
24
Gold
3.18
3.08
2.74
28-8156
28
Gold
3.41
3.29
2.96
28-8157
40
Gold
4.85
4.76
4.54
Super Flat IC Sockets
•Super-flat machined
pin low-profile DIP sockets
Order #
Pins
(1-9)
(10-49)
(50-up)
28-8190
16
$1.53
$1.46
$1.36
28-8191
18
1.64
1.53
1.42
28-8192
20
1.86
1.80
1.58
28-8193
24
0.75
—
—
28-8195
40
3.41
3.28
3.05
Dip IC Sockets
Order #
Pins
(1-9)
(10-49)
(50-up)
28-233
8
$0.29
$0.27
$0.22
28-235
14
0.29
0.28
0.24
28-238
16
0.26
0.24
0.21
28-239
18
0.47
0.44
0.41
28-240
20
0.28
0.27
0.24
28-244
24
0.40
0.38
0.35
28-245
28
0.40
0.37
0.34
28-248
40
0.45
0.41
0.37
28-249
42
0.61
0.53
0.42
TO-3 Transistor Socket
•Ideal for prototype work or
replacing broken TO-3 sockets
•Five per package
Order #
(1-2 pkgs.)
(3 pkgs.-up)
21-1645
$6.75
$6.02
Mini Jumpers
•Allows quick connection of circuits on circuit boards
•Shorting socket jumper for address or code strip
line plugs •25 per bag
Order #
Type
Height
(1-4 bags)
(5 bags-up)
83-2170
Open
4mm
$1.12
$1.04
83-2175
Closed
6mm
1.12
1.01
83-2180
Open
6mm
1.29
1.19
83-2190
Open
8mm
1.12
1.01
TO-220 Style
Heat Sinks
Dimensions
Order #
Mfr. #
(H)
(W)
(1-29)
(30-49)
(50-up)
28-4338
4880
-
-
$0.90
$0.72
$0.62
28-4340
7128D
1.040"
.866"
0.85
0.73
0.62
28-4365
6025B-TT
1.250"
.875"
1.94
1.68
1.36
28-4386
274-2AB
.520"
.500"
0.30
0.27
0.22
Suffixes: D Copper Material, TT Tin Tabbed, AB Black Anodized Aluminum
#28-4386
#28-4340
#28-4365
#28-4338
Clip-On Heat Sink Set
•Five spring loaded aluninum heat sinks •Just
clip onto lead of heat sensitive compinent to solder
•Dissipates heat safely without damaging
component •Five per set
Order #
(1-9 sets)
(10-24 sets)
(25-49 sets)
21-675
$4.39
$3.87
$3.46
VOLTAGE REGULATOR SELECTOR GUIDE
TO-92
TO-220
TO-3
C52_pg_350
8/14/07
12:45 PM
Page 350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com