Electronic Components Datasheet Search
  English  ▼

X  

BUT12 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # BUT12
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BUT12 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button BUT12 Datasheet HTML 23Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 24Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 25Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 26Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 27Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 28Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 29Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 30Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
365
Order Toll Free
1-800-543-4330,
FAX
1-800-765-6960
365
Order Toll Free
1-800-543-4330
Fax
1-800-765-6960
NET 30
Terms
Semiconductors/
Components
section
16
1
⁄4W Precision Resistors
•1% metal film •RN 55D type •1⁄4W •25 pieces per bag
$1.98 (1-3 bags) . . . . . . . . . . . . . . . . . . . . . . . . . . .$1.95 (4-9 bags) . . . . . . . . . . . . . . . . . . . . . . . . .$1.84 (10 bags-up)
Order #
Ohm Value
QW010BR
10
QW012D2BR
12.1
QW015BR
15
QW020BR
20
QW022D1BR
22.1
QW024D9BR
24.9
QW027D4BR
27.4
QW030D1BR
30.1
QW033D2BR
33.2
QW034D8BR
34.8
QW037D4BR
37.4
QW039D2BR
39.2
QW040D2BR
40.2
QW043D2BR
43.2
QW045D3BR
45.3
QW047D5BR
47.5
QW049D9BR
49.9
QW051D1BR
51.1
QW056D2BR
56.2
QW061D9BR
61.9
QW075BR
75
QW080D6BR
80.6
QW090D9BR
90.9
QW110BR
100
QW0121BR
121
QW0133BR
133
QW115BR
150
QW0182BR
182
QW120BR
200
QW0215BR
215
QW0221BR
221
QW0232BR
232
QW0243BR
243
QW0249BR
249
QW0274BR
274
QW0301BR
301
QW0316BR
316
QW0332BR
332
QW0348BR
348
QW0392BR
392
QW0402BR
402
QW0422BR
422
QW0432BR
432
QW0475BR
475
QW0499BR
499
QW0511BR
511
QW0523BR
523
QW0562BR
562
QW0681BR
681
QW0732BR
732
Order #
Ohm Value
QW0750BR
750
QW0806BR
806
QW0825BR
825
QW0909BR
909
QW210BR
1.0K
QW1105BR
1.05K
QW211BR
1.1K
QW1121BR
1.21K
QW1124BR
1.24K
QW1127BR
1.27K
QW214BR
1.4K
QW215BR
1.5K
QW1154BR
1.54K
QW1169BR
1.69K
QW1182BR
1.82K
QW220BR
2.0K
QW1215BR
2.15K
QW1221BR
2.21K
QW1232BR
2.32K
QW1237BR
2.37K
QW1249BR
2.49K
QW1261BR
2.61K
QW1274BR
2.74K
QW1287BR
2.87K
QW1294BR
2.94K
QW1301BR
3.01K
QW1309BR
3.09K
QW1316BR
3.16K
QW1324BR
3.24K
QW1332BR
3.32K
QW1348BR
3.48K
QW1365BR
3.65K
QW1392BR
3.92K
QW1402BR
4.02K
QW1432BR
4.32K
QW1464BR
4.64K
QW1475BR
4.75K
QW1499BR
4.99K
QW1511BR
5.11K
QW1523BR
5.23K
QW1536BR
5.36K
QW1562BR
5.62K
QW1604BR
6.04K
QW1619BR
6.19K
QW262BR
6.2K
QW1634BR
6.34K
QW1681BR
6.81K
QW1698BR
6.98K
QW275BR
7.5K
QW1768BR
7.68K
Order #
Ohm Value
QW1787BR
7.87K
QW1806BR
8.06K
QW282BR
8.2K
QW1825BR
8.25K
QW288BR
8.8K
QW1887BR
8.87K
QW1909BR
9.09K
QW291BR
9.1K
QW1931BR
9.31K
QW310BR
10K
QW2105BR
10.5K
QW2107BR
10.7K
QW2113BR
11.3K
QW2121BR
12.1K
QW313BR
13K
QW2133BR
13.3K
QW315BR
15K
QW316BR
16K
QW2174BR
17.4K
QW2178BR
17.8K
QW318BR
18K
QW2182BR
18.2K
QW2196BR
19.6K
QW320BR
20K
QW322BR
22K
QW2221BR
22.1K
QW2226BR
22.6K
QW2232BR
23.2K
QW324BR
24K
QW2249BR
24.9K
QW2255BR
25.5K
QW2267BR
26.7K
QW327BR
27K
QW2274BR
27.4K
QW2287BR
28.7K
QW330BR
30K
QW2301BR
30.1K
QW2309BR
30.9K
QW2324BR
32.4K
QW333BR
33K
QW2332BR
33.2K
QW2348BR
34.8K
QW2383BR
38.3K
QW2392BR
39.2K
QW2412BR
41.2K
QW2422BR
42.2K
QW2432BR
43.2K
QW2464BR
46.4K
QW2475BR
47.5K
QW2499BR
49.9K
Order #
Ohm Value
QW2511BR
51.1K
QW2523BR
52.3K
QW2549BR
54.9K
QW2562BR
56.2K
QW2576BR
57.6K
QW2665BR
66.5K
QW2681BR
68.1K
QW2698BR
69.8K
QW2715BR
71.5K
QW375BR
75K
QW2806BR
80.6K
QW2845BR
84.5K
QW2909BR
90.9K
QW2976BR
97.6K
QW3100BR
100K
QW3105BR
105K
QW3110BR
110K
QW3121BR
121K
QW3124BR
124K
QW3150BR
150K
QW3158BR
158K
QW3182BR
182K
QW3200BR
200K
QW3221BR
221K
QW3226BR
226K
QW3249BR
249K
QW3267BR
267K
QW3274BR
274K
QW3301BR
301K
QW3348BR
348K
QW3360BR
360K
QW3390BR
390K
QW3402BR
402K
QW3430BR
430K
QW3432BR
432K
QW3470BR
470K
QW3475BR
475K
QW3499BR
499K
QW3511BR
511K
QW3560BR
560K
QW3562BR
562K
QW3620BR
620K
QW3750BR
750K
QW3806BR
806K
QW3820BR
820K
QW3909BR
909K
QW3910BR
910K
QW4100BR
1M
Surface Mount Resistors
•20 pieces per bag
Order #
Description
SR1-0603-210
RES-0603, 1Kohm 5%
SR1-0603-310
RES-0603, 10Kohm 5%
SR1-0603-610
RES-0603, 10Mohm 5%
SR1-0805-015
RES-0805, 15ohm 5%
SR1-0805-047
RES-0805, 47ohm 5%
SR1-0805-110
RES-0805, 100ohm 5%
SR1-0805-112
RES-0805, 120ohm 5%
SR1-0805-210
RES-0805, 1Kohm 5%
SR1-0805-220
RES-0805, 2Kohm 5%
SR1-0805-247
RES-0805, 4.7Kohm 5%
SR1-0805-410
RES-0805, 100Kohm 5%
SR1-1206-010
RES-1206, 10ohm 5%
SR1-1206-022
RES-1206, 22ohm 5%
SR1-1206-033
RES-1206, 33ohm 5%
SR1-1206-047
RES-1206, 47ohm 5%
SR1-1206-110
RES-1206, 100ohm 5%
SR1-1206-115
RES-1206, 150ohm 5%
SR1-1206-118
RES-1206, 180ohm 5%
SR1-1206-122
RES-1206, 220ohm 5%
SR1-1206-133
RES-1206, 330ohm 5%
SR1-1206-139
RES-1206, 390ohm 5%
SR1-1206-147
RES-1206, 470ohm 5%
SR1-1206-1D0
RES-1206, 1.0ohm 5%
SR1-1206-210
RES-1206, 1Kohm 5%
SR1-1206-215
RES-1206, 150ohm 5%
SR1-1206-222
RES-1206, 2.2Kohm 5%
SR1-1206-233
RES-1206, 3.3Kohm 5%
SR1-1206-247
RES-1206, 4.7Kohm 5%
SR1-1206-310
RES-1206, 10Kohm 5%
SR1-1206-347
RES-1206, 47Kohm 5%
SR1-1206-410
RES-1206, 100Kohm 5%
SR1-1206-447
RES-1206, 470Kohm 5%
$0.99 (1-3 bags) ..$0.93 (4-9 bags) ..$0.88 (10 bags-up)
25 Watt
Power
Wirewound Resistors
•5% tolerance
Order #
ohm
25WD20
0.2
25WD22
0.22
25WD27
0.27
25WD30
0.3
25WD33
0.33
25WD47
0.47
25WD51
0.51
25W1D0
1
25W1D2
1.2
25W1D5
1.5
25W2D0
2
25W2D2
2.2
25W2D7
2.7
25W3D3
3.3
25W3D9
3.9
25W4D7
4.7
25W5D1
5.1
Order #
ohm
25W6D8
6.8
25W8D2
8.2
25W010
10
25W015
15
25W020
20
25W027
27
25W030
30
25W039
39
25W047
47
25W062
62
25W075
75
25W110
100
25W112
120
25W115
150
25W118
180
25W122
220
25W127
270
Order #
ohm
25W133
330
25W139
390
25W147
470
25W156
560
25W168
680
25W210
1K
25W212
1.2K
25W215
1.5K
25W218
1.8K
25W222
2.2K
25W227
2.7K
25W233
3.3K
25W247
4.7K
25W256
5.6K
25W268
6.8K
25W282
8.2K
$0.87 (1-3)...............$0.79 (4-9) ..............$0.69 (10-up)
50 Watt Wirewound
Resistors
•Aluminum clad
•1% tolerance
Order #
Ohm Value
(1-3)
(4-9)
(10-up)
50WMD10
0.1
$6.39
$5.99
$5.49
50WMD20
0.2
6.39
5.99
5.49
50WMD50
0.5
6.39
5.99
5.49
50WM1D0
1
6.39
5.99
5.49
50WM2D0
2
6.39
5.99
5.49
50WM2D5
2.5
6.39
5.99
5.49
50WM3D0
3
6.39
5.99
5.49
50WM4D0
4
6.39
5.99
5.49
50WM5D0
5
6.39
5.99
5.49
50WM010
10
6.39
5.99
5.49
50WM012
12
6.39
5.99
5.49
50WM015
15
6.39
5.99
5.49
50WM020
20
6.39
5.99
5.49
50WM025
25
6.39
5.99
5.49
50WM030
30
6.39
5.99
5.49
50WM033
33
6.39
5.99
5.49
50WM050
50
6.39
5.99
5.49
50WM075
75
6.39
5.99
5.49
50WM110
100
6.39
5.99
5.49
50WM150
500
6.39
5.99
5.49
50WM175
750
6.39
5.99
5.49
50WM210
1K
6.39
5.99
5.49
50WM220
2K
6.39
5.99
5.49
50WM250
5K
6.39
5.99
5.49
50WM350
50K
6.79
6.29
5.89
Thermal Fuses
•Used in heat guns, hair dryers and other
small household appliance •Maximum current
rating: 15A •Sorry-no mixing of values
for quantity pricing
Maximum Operating
ERS®/ECG/
Temperature
Order #
NTE® Type
°C
°F
17-100
8070
72
158
17-105
8076
77
171
17-110
8081
84
178
17-115
8085, 8090
91
196
17-120
8086
98
204
17-125
8103
104
218
17-130
8103
109
229
17-135
8115
117
239
17-140
8118
121
244
17-145
8125
128
257
17-150
8149
152
306
17-155
8167
167
333
17-160
8181
184
363
17-165
8182
192
377
17-170
8213
216
421
17-175
8226
228
443
17-180
8242
240
464
$1.26 (1-4) . . . . . . .$1.14 (5-9)...............$1.00 (10-29)
C52_pg_365
8/14/07
12:38 PM
Page 365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com