Electronic Components Datasheet Search
  English  ▼

X  

BUT12 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # BUT12
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BUT12 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button BUT12 Datasheet HTML 23Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 24Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 25Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 26Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 27Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 28Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 29Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 30Page - List of Unclassifed Manufacturers BUT12 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
366
Order Online
www.mcmelectronics.com
NET 30
Terms
Semiconductors/
Components
section
16
Variable Load Resistors
•Designed for testing high
current power supplies,
amplifiers, etc. •Wiper ring is
moved across resistor
body to vary resistance
Order #
ohm
Maximum Wattage
(ea.)
28-1225
0~8
90
$16.46
28-1230
0~18
225
41.77
Microwave Oven Diode
•Popular in Amana, Litton, Tappan and many more
•Replaces HVR-1X-4 and other high-voltage diodes
using 1⁄4" female guide connect on anode and ring
terminal on cathode
Order #
(1-9)
(10-up)
75-100
$3.18
$2.75
Carbon Film
Resistor Kit 1⁄4W
High-quality carbon film
resistors with a connecting
wire that is easily soldered.
Applications: TVs, audio and
video equipment, telephone receivers and
communication systems, instrumentation, home
appliances and more. Specifications: •Quantity:
610 pieces (10 pieces per value) •Series: E12
•Number of values: 61 (from 10E to 1M) •Operating
temperature range: -67°F~311°F •Tolerance: 5%
•Max operating voltage: 250V
Order #
(1-3 kits)
(4-kits-up)
80-6665
$8.79
$7.22
ELENCO Carbon Film Resistor Kit 1⁄2W
•Contains five each of 73 standard values from
1Ω~1MΩ •365 total pieces
Order #
(1-9 kits)
(10-24 kits)
80-6670
$13.25
$12.31
Trim Pot Kit
•Save 38% off list price
when you purchase this kit
•Kit offers 31-1⁄2W trim
pots available in vertical
and horizontal mount Kit
contains five each of:
Order #
(kit)
102-009
$24.95
100
5K
50K
100
2.5K
50K
200
10K
100K
200
3K
100K
300
20K
250K
300
5K
250K
500
25K
500K
500
10K
500K
1K
30K
1Mohm
1K
25K
1Mohm
3K
Resistor Kits
•Each kit contains 30 of the most
popular values •Plastic cabinet with 15, two
section drawers •Cabinets stack together to
build a component storage center •Easily wall
mounted or stacked
1
⁄8 Watt Metal Film
Contains six each of the following (in ohms):
Order #
(1-5 kits)
(6-9 kits)
(10 kits-up)
RK-01
$35.95
$34.95
$32.95
1
⁄4 Watt Metal Film
Contains four each of the following (in ohms):
Order #
(1-5 kits)
(6-9 kits)
(10 kits-up)
RK-02
$29.95
$28.95
$26.95
1
⁄2 Watt Metal Film
Contains six each of the following (in ohms):
Order #
(1-5 kits)
(6-9 kits)
(10 kits-up)
RK-03
$44.95
$42.95
$39.95
1 Watt Metal Oxide
Contains four each of the following (in ohms):
Order #
(1-5 kits)
(6-9 kits)
(10 kits-up)
RK-04
$44.95
$42.95
$39.95
10
22
47
100
120
150
220
330
390
470
680
1K
1.5K
1.8K
2K
2.2K
3.3K
4.7K
6.8K
10K
15K
20K
22K
27K
33K
47K
100K
220K
330K
1M
1.0
10
15
22
47
56
75
100
120
150
220
330
390
470
560
680
1K
1.2K
1.5K
2K
2.2K
2.7K
3.3K
4.7K
8.2K
10K
22K
33K
47K
100K
1.0
1.5
2.2
10
22
33
47
100
120
150
220
330
470
560
680
1K
1.5K
1.8K
2.2K
3.3K
3.9K
4.7K
10K
15K
22K
47K
100K
220K
470K
1M
.22
.47
1.0
1.5
2.0
2.2
4.7
10
22
24
33
47
68
100
120
150
220
330
470
510
1K
1.5K
2K
2.2K
4.7K
10K
47K
100K
220K
1M
Linear Slide
Potentiometers
ALPS standard slide
potentiometers. Low
profile PCB mounting
slide potentiometers.
Ideal for volume, tone or
balance controls in audio equipment and graphic
equalizers. Specifications: Resistance tolerance
±20%, rated voltage 150, rated power: 45mm is
0.125W, and 60mm is 0.1W.
Order #
Description
(ea.)
RE00423
50K 45mm travel
$2.60
Crystals
•Full-size •Resistance weld
•±50ppm from -10°~70°C
•Package style: HC49/U
ESR
Circuit
(Ohms)Frequency Calibration
Order #
Max
(MHz)
Condition (1-9) (10-49) (50-up)
31-4000
100
4.000
Series $1.35 $1.14 $1.04
31-4010
100
4.194304
12pf
1.35
1.14
1.04
31-4025
100
5.000
30pf
1.35
1.14
1.04
31-4035
50
6.000
20pf
1.35
1.14
1.04
31-4050
45
8.000
18pf
1.35
1.14
1.04
31-4080
30
10.000
20pf
1.35
1.14
1.04
31-4095
30
12.000
Series
1.35
1.14
1.04
31-4110
25
14.31818
Series
1.35
1.14
1.04
31-4140
25
20.000
20pf
1.46
1.25
1.14
Low Profile Crystals
•Resistance weld
•±50ppm from
-10°~70°C •Package
style: HC49/S
ESR
Circuit
(Ohms)Frequency Calibration
Order #
Max
(MHz)
Condition (1-9) (10-49) (50-up)
31-4155
150
4.000000
20pf
$1.77 $1.46 $1.35
31-4185
35
11.509200
16pf
1.67
1.50
1.39
ELENCO Diode/Transistor Tester Kit
Build your own diode/transistor tester. This dynamic
tester allows checking of transistors and diodes in
circuit. You can identify NPN or PNP transistors. Also
checks all types, small or large power and identifies
anode or cathode of diodes.
Order #
(kit)
80-1170
$27.50
McGraw-Hill Electronics
Demystified
•Now anyone with an interest
in electronics can master it
•In Electronics Demystified,
best-selling science and math
writer Stan Gibilisco provides
an effective and painless way
to understand the electronics
that power so much of modern
life •With Electronics
Demystified, you master the
subject one simple step at a time; at your own speed
•Unique self-teaching guide offers problems at the
end of each chapter and section to pinpoint
weaknesses, and a 70-question final exam to reinforce
the entire book •Master electronics essentials that
can help you as an employee, a hobbyist, or merely
as a consumer •A fast, effective, and fun way to learn
electronics, Electronics Demystified is the perfect
shortcut to a deeper understanding of many of today’s
most important technologies
Order #
(ea.)
81-3251
$19.95
Pocket Reference (2nd Edition)
Loaded with constants and formulas
pertaining to: Math, plumbing,
automobiles, carpentry, glues, solvents,
chemistry, physics, computers,
electronics, and much more.
480 pages, soft cover.
Order #
(ea.)
81-1695
$9.95
Sorry-Books are not returnable.
C52_pg_366
8/16/07
12:01 PM
Page 366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com