Electronic Components Datasheet Search
  English  ▼

X  

MIC3287 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3287
Description  1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3287 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3287 Datasheet HTML 1Page - Micrel Semiconductor MIC3287 Datasheet HTML 2Page - Micrel Semiconductor MIC3287 Datasheet HTML 3Page - Micrel Semiconductor MIC3287 Datasheet HTML 4Page - Micrel Semiconductor MIC3287 Datasheet HTML 5Page - Micrel Semiconductor MIC3287 Datasheet HTML 6Page - Micrel Semiconductor MIC3287 Datasheet HTML 7Page - Micrel Semiconductor MIC3287 Datasheet HTML 8Page - Micrel Semiconductor MIC3287 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC3287
Micrel, Inc.
M9999-010306
2
January 2006
Pin Configuration
FB GND
EN
VIN
SW
3
1
5
2
4
FB GND
EN
VIN
SW
3
1
6
2
4
5
OVP
TSOT-23-5 (YD5)
TSOT-23-6 (YD6)
1
VIN
OVP
EN
AGND
8 PGND
SW
NC
FB
7
6
5
2
3
4
EP
8-Pin 2mm x 2mm MLF™ (YML)
Ordering Information
Part Number
Marking
Code
Overvoltage
Protection
Junction
Temp. Range
Package
Lead Finish
MIC3287YD5
WGAA
N/A
-40°C to +125°C
Thin SOT-23-5
Lead Free
MIC3287-24YD6
WHAA
24V
-40°C to +125°C
Thin SOT-23-6
Lead Free
MIC3287-24YML
WLA
24V
-40°C to +125°C
8-Pin 2mm x 2mm MLF
Lead Free
Ordering Information
Pin Number
TSOT-23-5
Pin Number
TSOT-23-6
Pin Number
8-Pin MLF
Pin Name Pin Function
1
1
7
SW
Switch Node (Input): Internal power bipolar collector.
2
2
4
AGND
Analog Ground (Return): Ground.
2
2
8
PGND
Power Ground (Return): Ground.
3
3
5
FB
Feedback (Input): Output voltage sense node. Connect the cathode of the
LED to this pin. A resistor from this pin to ground sets the LED current.
4
4
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regu-
lator.
5
6
1
VIN
Supply (Input): 2.8V to 5.5V for internal circuitry.
—
5
2
OVP
Overvoltage Protection (Input): Connect to the output.
—
—
6
NC
Not Connected
—
—
EP
EP
Exposed Backside Pad: Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com