Electronic Components Datasheet Search
  English  ▼

X  

MIC3287 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3287
Description  1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3287 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3287 Datasheet HTML 1Page - Micrel Semiconductor MIC3287 Datasheet HTML 2Page - Micrel Semiconductor MIC3287 Datasheet HTML 3Page - Micrel Semiconductor MIC3287 Datasheet HTML 4Page - Micrel Semiconductor MIC3287 Datasheet HTML 5Page - Micrel Semiconductor MIC3287 Datasheet HTML 6Page - Micrel Semiconductor MIC3287 Datasheet HTML 7Page - Micrel Semiconductor MIC3287 Datasheet HTML 8Page - Micrel Semiconductor MIC3287 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
January 2006
3
M9999-010306
MIC3287
Micrel, Inc.
Absolute Maximum Ratings(1)
Supply Voltage (VIN)........................................................6V
Switch Voltage (VSW) ......................................–0.3V to 34V
Enable Pin Voltage (VEN) ................................... –0.3 to VIN
FB Voltage (VFB) .............................................................6V
Switch Current (ISW)..................................................... 1.2A
Ambient Storage Temperature (TS).......... –65°C to +150°C
ESD Rating(3) ................................................................ 2kV
Operating Ratings(2)
Supply Voltage (VIN).........................................2.8V to 5.5V
Output Voltage (VOUT)(4) ...................................VIN to VOUT
Junction Temperature Range (TJ) ............ –40°C to +125°C
Package Thermal Impedance
Thin SOT-23-5 (θJA)(5).......................................207°C/W
Thin SOT-23-6 (θJA)(5).......................................134°C/W
8-Pin MLF (θJA) ...................................................90°C/W
Electrical Characteristics(6)
TA = 25°C, VIN = VEN = 3.6V, VOUT = 10V, IOUT = 10mA, unless otherwise noted. Bold values indicate –40°C ≤ TJ ≤125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.8
5.5
V
VUVLO
Under Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB > 500mV, (not switching)
2.1
5
mA
ISD
Shutdown Current
VEN = 0V(7)
0.04
1
µA
VFB
Feedback Voltage
(±7.5%)
231
250
269
mV
IFB
Feedback Input Current
VFB = 250mV
–450
nA
Line Regulation
3V ≤ VIN ≤ 5V(8)
0.4
1
%
Load Regulation
5mA ≤ IOUT ≤ 20mA(8)
0.5
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
VIN = 3.6V
350
mA
VSW
Switch Saturation Voltage
VIN = 3.6V, ISW = 300mA
250
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
1
µA
VEN
Enable Threshold
TURN ON
1.5
V
TURN OFF
0.4
V
IEN
Enable Pin Current
VEN = 10V
21
40
µA
fSW
Oscillator Frequency
1
1.2
1.4
MHz
VOVP
Overvoltage Protection
MIC3287 - 24YD6
17
19
24
V
MIC3287-24YML
TJ
Overtemperature
150
°C
Threshold Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max),
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive
die temperature, and the regulator will go into thermal shutdown.
2. This device is not guaranteed to operate beyond its specified operating ratings.
3. Devices are inherently ESD sensitive. Handling precautions required. Human body model.
4. For options with OVP.
5. Using 4 layer PCB.
6. Specification for packaged product only.
7. ISD = IVIN.
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com