Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV3601, TLV3603 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 3Page - Texas Instruments TLV3603 Datasheet HTML 4Page - Texas Instruments TLV3603 Datasheet HTML 5Page - Texas Instruments TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments TLV3603 Datasheet HTML 10Page - Texas Instruments TLV3603 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7 Detailed Description
7.1 Overview
The TLV3601 and TLV3603 are high-speed comparators with single-ended (push-pull) output stages. The fast
response time of these comparators make them well suited for applications that require narrow pulse width
detection or high toggle frequencies. The TLV3601 is available in a 5-pin SC70 and SOT23, while the TLV3603
is packaged in a 6-pin SC70 package.
7.2 Functional Block Diagram
+
LE/HYST
TLV3603
+
TLV3601
7.3 Feature Description
The TLV3601 and TLV3603 are single channel, high speed comparators with a typical propagation delay of 2.5
ns and push-pull outputs. The minimum pulse width detection capability is 1 ns and the typical toggle rate is
325 MHz. These comparators are well-suited for distance measurement applications that utilize a time-of-flight
arechitecture as well as systems that suffer from capacitive loading and require data and clock recovery. In
addition to their high speed, the TLV3601 and TLV3603 offer rail-to-rail input stages capable of operating up to
200 mV beyond each power supply rail combined with a maximum 5 mV input offset. The TLV3603 also provides
adjustable hysteresis via an external resistor for noise supression or a latching mode to hold the output of the
comparators.
7.4 Device Functional Modes
The TLV3601 has a single functional mode and is active when the power supply voltage is greater than 2.4V.
The TLV3603 has two modes of operation. The first is an active mode where the output reflects the condition at
the inputs when an external resistor is connected to ground on the LEB/HYST pin. The second is a latch mode
where the output is held at its last active state when the LEB/HYST pin is pulled low. The TLV3603 returns to
active mode after a short delay when the pin is pulled high.
7.4.1 Inputs
The TLV3601 and TLV3603 feature input stages capable of operating o –200 mV below negative power supply
(ground) and 200 mV beyond the positive supply voltage, allowing for zero cross detection and maximizing input
dynamic range given a certain power supply. The input stages are protected from conditions where the voltage
on either pin exceeds this level by internal ESD protection diodes to VCC and VEE. An external resistor should
be used to limit the current to less than 10mA.
7.4.2 Push-Pull (Single-Ended) Output
The TLV3601 and TLV3603 outputs have excellent drive capability and are designed to connect directly
to CMOS logic input devices. Likewise, the comparator output stages can drive capacitive loads. Transient
performance parameters in the Electrical Characteristics Tables and Typical Characteristics section are for a
load of 5pF, corresponding to a standard CMOS load. Device performance for larger capacitive loads can
be found in the typical performance curves titled Propagation Delay vs Capacitive Load and Toggle Rate vs
Capacitive Load. For optimal speed and performance, output load capacitance should be reduced as much as
possible.
www.ti.com
TLV3601, TLV3603
SNOSDB1 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV3601 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com