Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV3601, TLV3603 325MHz High-Speed Comparator with 2.5ns Propagation Delay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 4Page - Texas Instruments TLV3603 Datasheet HTML 5Page - Texas Instruments TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments TLV3603 Datasheet HTML 10Page - Texas Instruments TLV3603 Datasheet HTML 11Page - Texas Instruments TLV3603 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLV360x comparators feature rail-to-rail inputs and outputs on supply voltages as low as 2.4 V. The LVDS
output stage is optimal for high speed applications that require low power consumption. The 1ns propagation
delay of the device makes it a suitable fit for applications involving optical reception, triggers for test and
measurement systems, and transceiver type applications that require a high speed signal to be carried over a
certain distance.
8.1.1 Adjustable Hysteresis
As a result of a comparator’s high open loop gain, there is a small band of input differential voltage where the
output can toggle back and forth between “logic high” and “logic low” states. This can cause design challenges
for inputs with slow rise and fall times or systems with excessive noise. These challenges can be overcome by
adding hysteresis to the comparator.
Since the TLV3604 does not have internal hysteresis, external hysteresis can be applied in the form of a positive
feedback loop that adjusts the trip point of the comparator depending on its current output state. See the Typical
Application section for more details. The TLV3605 on the other hand has a LE/HYST pin that can be used to
increase the internal hysteresis of the comparator. In order to change the internal hysteresis of the TLV3605,
connect a single resistor as shown in the adjusting hysteresis figure between the LE/HYST pin and VEE. A curve
of hysteresis versus resistance is provided below to provide guidance in setting the desired amount of hysteresis
8.1.2 Capacitive Loads
Under reasonable capacitive loads, the device maintains specified propagation delay (see Typical
Characteristics). However, excessive capacitive loading under high switching frequencies may increase supply
current, propagation delay, or induce decreased slew rate.
8.1.3 Latch Functionality
The latch pin for the TLV3603 holds the output state of the device when the voltage at the LEB/HYST pin is
less than 800mV above VEE. This is particularly useful when the output state is intended to remain unchanged.
An important consideration of the latch functionality is the latch hold and setup times. Latch hold time is the
minimum time (after the latch pin is asserted) required for properly latching the comparator output. Likewise,
latch setup time is defined as the time that the input must be stable before the latch pin is asserted low. The
figure below illustrates when the input can transition for a valid latch. Note that the typical setup time in the
EC table is negative; this is due to the internal trace delays of the LEB/HYST pin relative to the input pin trace
delays. A small delay in the output response is shown below when the TLV3603 exits a latched output stage.
TLV3601, TLV3603
SNOSDB1 – JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com