Electronic Components Datasheet Search
  English  ▼

X  

OZ9939IGN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OZ9939IGN
Description  LCDM Inverter Controller Change Summary
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9939IGN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OZ9939IGN Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OZ9939
10/27/2005
OZ9939-DS-1.1
Page 0
Copyright
© 2005 by O2Micro
All Rights Reserved
CONFIDENTIAL
Patent#6,559,606, #6,856,519 & #6,809,93800
Change Summary
CHANGES
No.
Applicable Section
Description
Page(s)
1.
Electrical Characteristics
Updated limits for Protection Release Threshold
3
REVISION HISTORY
Revision No.
Description of change
Release Date
0.6
Initial release
5/12/2005
0.65
1. Electrical Characteristics: a.
Modify general test conditions in line 1; b.
Modify ‘Driver Frequency – Striking & Normal Operation’ Typ limit; c.
Modify ‘PWM Dimming Control – LCT frequency’, 2. Reference
Application Circuit:
Modify C14, C9 & R9 values
6/27/2005
1.0
Ordering Information: Add OZ9939G, IG, D & DN. Recommended
Operating Range: 1. Add ‘Dimming Range’; 2. Fill in ‘Thermal Impedance’.
Electrical Characteristics: 1. Update ‘Supply Current’ limits; 2. Update ‘Soft
Start’ limits; 3. Update ‘Under Voltage Lockout’ limits; 4. Update ‘Reference
Voltage’ limits; 5. Update ‘Driver Frequency’ limits; 6. Update ‘Timer &
Protection’ limits; 6. Update ‘Drivers’ parameter name & limits; 7. Update
‘PWM Dimming Control’ limits; 8. Delete ‘Analog Dimming Control’.
Function Description: Update formula in NO. 4 Ignition, No. 6 Normal
Operation & No. 9 Dimming Control. Package Information: Add DIP
package drawing. Throughout datasheet: Miscellaneous changes.
9/21/2005


Similar Part No. - OZ9939IGN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ9936 ETC1-OZ9936 Datasheet
181Kb / 11P
OZ9936 / LCD Monitor CCFL Inverter Controller
OZ9936D ETC1-OZ9936D Datasheet
181Kb / 11P
OZ9936 / LCD Monitor CCFL Inverter Controller
OZ9936DN ETC1-OZ9936DN Datasheet
181Kb / 11P
OZ9936 / LCD Monitor CCFL Inverter Controller
OZ9936G ETC1-OZ9936G Datasheet
181Kb / 11P
OZ9936 / LCD Monitor CCFL Inverter Controller
OZ9936GN ETC1-OZ9936GN Datasheet
181Kb / 11P
OZ9936 / LCD Monitor CCFL Inverter Controller
More results

Similar Description - OZ9939IGN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT78C7015 ATMEL-AT78C7015 Datasheet
134Kb / 5P
Spindle/VCM Motor Controller/Drivers AT78C7015 Summary
logo
List of Unclassifed Man...
OZ964 ETC2-OZ964 Datasheet
324Kb / 14P
Change Summary
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
Item Summary
LMK325B7226MMHP TAIYO-YUDEN-LMK325B7226MMHP Datasheet
289Kb / 2P
Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
Item Summary
JMK042BJ473KC-W TAIYO-YUDEN-JMK042BJ473KC-W Datasheet
288Kb / 2P
Item Summary
JMK063BC6105MP-F TAIYO-YUDEN-JMK063BC6105MP-F Datasheet
288Kb / 2P
Item Summary
logo
List of Unclassifed Man...
OZ9938 ETC1-OZ9938 Datasheet
352Kb / 12P
Change Summary
OZ9910 ETC2-OZ9910 Datasheet
375Kb / 17P
Change Summary
logo
O2Micro International L...
TA9687GN O2MICRO-TA9687GN Datasheet
715Kb / 14P
LCDM Inverter Controller
4/14/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com