Electronic Components Datasheet Search
  English  ▼

X  

OZ9939IGN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OZ9939IGN
Description  LCDM Inverter Controller Change Summary
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9939IGN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OZ9939IGN Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ9939IGN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OZ9939
CONFIDENTIAL
OZ9939-DS-1.1
Page 4
ELECTRICAL CHARACTERISTICS (Continued)
Parameter
Symbol
Test Conditions
Limits
Unit
VDDA=5V; Ta=25
oC
RCT =39Kohm, CCT=470pF
RLCT =3.3Mohm, CLCT=4.7nF
Min
Typ
Max
PWM Dimming Control
LCT Frequency
194
200
206
Hz
ENA Threshold
On
2.0
V
Off
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com