Electronic Components Datasheet Search
  English  ▼

X  

MAX77650CEWVT Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # MAX77650CEWVT
Description  Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650CEWVT Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button MAX77650CEWVT Datasheet HTML 56Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 57Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 58Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 59Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 60Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 61Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 62Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 63Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
Thermistor Bias
An external ADC can optionally perform conversions on
the THM and TBIAS pins to measure the battery's tem-
perature. An on-chip analog multiplexer is used to route
these nodes to the AMUX pin. The operation of the analog
multiplexer does not interfere with the charger's tempera-
ture monitoring comparators or the charger's automatic
JEITA response. See the Analog Multiplexer & Power
Monitor AFEs section for more information.
The NTC thermistor's bias source (TBIAS) follows the
simple operation outlined below:
● If CHGIN is valid and the thermistor is enabled
(THM_EN = 1), then the thermistor is biased so the
charger can automatically respond to battery tem-
perature changes.
● If the analog multiplexer is connecting THM or
TBIAS to AMUX, then the thermistor is biased so an
external ADC can perform a meaningful temperature
conversion.
The AMUX pin is a buffered output. The operation of the
analog multiplexer and external ADC does not collide with
the function of the on-chip temperature monitors. Both
functions may be used simultaneously with no ill effect.
Configurable Temperature Thresholds
Temperature thresholds for different NTC thermistor beta
values are listed in Table 4. The largest possible program-
mable temperature range can be realized by using an NTC
with a beta of 3380K. Using a larger beta compresses the
temperature range. The trip voltage thresholds are pro-
grammable with the THM_HOT[1:0], THM_WARM[1:0],
THM_COOL[1:0], and THM_COLD[1:0] bitfields. All pos-
sible programmable trip voltages are listed in Table 4.
These are theoretical values computed by a formula.
Refer to the particular NTC's data sheet for more accurate
measured data. In all cases, select the value of RBIAS to
be equal to the NTC's effective resistance at +25°C.
TRIPVOLTAGE
(V)
TRIP TEMPERATURES (°C)
3380K
3435K
3940K
4050K
4100K
4250K
1.024
-10.0
-9.5
-5.6
-4.8
-4.5
-3.5
0.976
-5.0
-4.6
-1.1
-0.5
-0.2
0.6
0.923
0.0
0.3
3.3
3.8
4.1
4.8
0.867
5.0
5.3
7.7
8.1
8.3
8.9
0.807
10.0
10.2
12.0
12.4
12.5
12.9
0.747
15.0
15.1
16.4
16.6
16.7
17.0
0.511
35.0
34.8
33.5
33.3
33.2
32.9
0.459
40.0
39.8
37.8
37.4
37.3
36.8
0.411
45.0
44.7
42.0
41.5
41.3
40.7
0.367
50.0
49.6
46.2
45.6
45.3
44.6
0.327
55.0
54.5
50.4
49.7
49.3
48.4
0.291
60.0
59.4
54.6
53.7
53.3
52.2
Table 4. Trip Temperatures vs. Trip Voltages for Different NTC β
Figure 16. Thermistor Bias State Diagram
THERMISTOR BIASED
TBIAS = 1.25V
MUX_SEL = 0b0111 or 0b1000
OR
(THM_EN = 1 AND CHGIN VALID)
MUX_SEL ≠ 0b0111 or 0b1000
AND
(THM_EN = 0 OR CHGIN INVALID)
THERMISTOR OFF
TBIAS = GND
www.maximintegrated.com
Maxim Integrated │ 60
MAX77650/MAX77651
Ultra-Low Power PMIC with 3-Output SIMO
and Power Path Charger for Small Li+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com