Electronic Components Datasheet Search
  English  ▼

X  

MAX77650CEWVT Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX77650CEWVT
Description  Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650CEWVT Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX77650CEWVT Datasheet HTML 9Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 10Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 11Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 12Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 13Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 14Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 15Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 16Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
(VCHGIN = 5.0V, VSYS = 4.5V, VBATT = 4.2V, limits are 100% production tested at TA = +25°C, limits over the operating temperature
range (TA = -40°C to +85°C) are guaranteed by design and characterization, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Current Limit
Accuracy
ICHGIN-LIM = 95mA, VSYS = VSYS-REG -
100mV
90
95
100
mA
Minimum Input Voltage
Regulation Range
VCHGIN-MIN
VCHGIN falling due to loading conditions
and/or high-impedance charge source,
programmable in 100mV increments with
VCHGIN_MIN[2:0].
4.0
4.7
V
Minimum Input Voltage
Regulation Accuracy
VCHGIN-MIN = 4.5V (VCHGIN_MIN[2:0] =
0b101), ICHGIN reduced by 10%
4.32
4.50
4.68
V
Charger Input
Debounce Timer
tCHGIN-DB
VCHGIN = 5V, time before CHGIN is
allowed to deliver current to SYS or BATT
100
120
140
ms
SUPPLY AND QUIESCENT CURRENTS
BATT Bias Current
IBATT-BIAS
VCHGIN = 5V, charger is not in USB
suspend (USBS = 0), charging is finished
(CHG_DTLS indicate done), ISYS = 0mA
5
μA
CHGIN Supply Current
ICHGIN
VCHGIN = 5V, charger is not in USB
suspend (USBS = 0), Charging is finished
(CHG_DTLS indicate done), ISYS = 0mA
1.0
1.8
mA
VCHGIN = 0V to 1V, VBATT = 3.3V, ISYS =
0A
50
μA
CHGIN Suspend Supply
Current
ICHGIN
VCHGIN = 5V, charger in USB suspend
(USBS = 1)
50
μA
PREQUALIFICATIONS
Charge Current
Soft-Start Slew Time
Zero to full scale
1
ms
Input Current
Soft-Start Slew Time
Zero to full scale
1
ms
Prequalification Voltage
Threshold Range
VPQ
Charger is in prequalification mode when
VBATT < VPQ, this threshold has 100mV of
hysteresis, programmable in 100mV steps
with CHG_PQ[2:0]
2.3
3.0
V
Prequalification Voltage
Threshold Accuracy
VPQ = 3.0V
-3
+3
%
Prequalification Mode
Charge Current
IPQ
VBATT = 2.5V, VPQ = 3.0V, expressed as a
percentage of IFAST-CHG, I_PQ = 0
10
%
VBATT = 2.5V, VPQ = 3.0V, expressed as a
percentage of IFAST-CHG, I_PQ = 1
20
Prequalification Safety
Timer
tPQ
VBATT < VPQ = 3.0V
27
30
33
minutes
Electrical Characteristics—Smart Power Selector Charger (continued)
www.maximintegrated.com
Maxim Integrated │ 13
MAX77650/MAX77651
Ultra-Low Power PMIC with 3-Output SIMO
and Power Path Charger for Small Li+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com