Electronic Components Datasheet Search
  English  ▼

X  

BAS316WSV Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS316WSV
Description  250mW SOD-323 Fast Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS316WSV Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS316WSV Datasheet HTML 1Page - Rectron Semiconductor BAS316WSV Datasheet HTML 2Page - Rectron Semiconductor BAS316WSV Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
250mW SOD-323 Fast Switching Diode
Features
4.0nS; Fast Switching Device (TRR <4.0 nS)
250mW; Power Dissipation of 250mW
High Stability and High Reliability
Low reverse leakage
Mechanical Data
SOD-323
MARKING: A6
SOD-323 Small Outline Plastic Package
Polarity: Color band denotes cathode end
Mounting Position: Any
Maximum Ratings & Thermal Characteristics (Ratings at 25℃ ambient temperature unless otherwise specified.)
Parameters
Symbol
Value
Unit
Reverse Voltage
VR
75
V
Peak Repetitive Reverse Voltage
VRRM
85
V
Power Dissipation
Pd
250
mW
Operating junction temperature
Tj
150
℃
Storage temperature range
Ts
-55-+150
℃
Thermal Resistance from Junction to Ambient
R¸ JA
500
℃/W
Average Rectified Current
IO
250
mA
Peak Forward Surge Current @tp=1us; TA=25℃
IFSM
4.0
A
Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified).
Limits
Symbols
Parameter
Test Condition
Min
Max
Unit
V(BR)
Reverse Voltage
IR=100uA
100
V
VR=25V
---
30
nA
IR
Reverse Leakage Current
VR=75
---
1
uA
IF=1.0mA
---
0.715
IF=10mA
---
0.855
IF=50mA
---
1.00
VF
Forward Voltage
IF=150mA
---
1.25
V
IF= IR=10mA
RL=100&
TRR
Reverse Recovery Time
IRR=0.1 X IR
---
4
nS
CT
Capacitance
VR=0V, f=1MHZ
---
1.5
pF
BAS316WSV
2018-04
REV C
P/N suffix V means AEC-Q101 qualified, eg:BAS316WSV
P/N suffix V means Halogen-free


Similar Part No. - BAS316WSV

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS316WS SEMTECH_ELEC-BAS316WS Datasheet
303Kb / 3P
High Speed Switching Diode
logo
Taiwan Semiconductor Co...
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
logo
SeCoS Halbleitertechnol...
BAS316WS SECOS-BAS316WS Datasheet
260Kb / 3P
0.25A , 100V Surface Mount Small Signal Switching Diode
logo
Diotec Semiconductor
BAS316WS DIOTEC-BAS316WS Datasheet
151Kb / 2P
SMD Small Signal Diodes
More results

Similar Description - BAS316WSV

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
RB551V-30 SSC-RB551V-30 Datasheet
364Kb / 2P
SOD-323 Plastic-Encapsulate Diode
logo
Sangdest Microelectroni...
SD32324 SMC-SD32324 Datasheet
118Kb / 4P
SOD-323
logo
SHENZHEN YONGERJIA INDU...
BAT54WS WINNERJOIN-BAT54WS_15 Datasheet
230Kb / 3P
SOD-323
BAV16WS WINNERJOIN-BAV16WS_15 Datasheet
170Kb / 2P
SOD-323
BAV19WS WINNERJOIN-BAV19WS_15 Datasheet
113Kb / 2P
SOD-323
MBR0520WS WINNERJOIN-MBR0520WS_15 Datasheet
280Kb / 2P
SOD-323
logo
Yea Shin Technology Co....
1N4148WSFL-A YEASHIN-1N4148WSFL-A Datasheet
821Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
logo
Will Semiconductor Ltd.
MM3Z5V1 WILLSEMI-MM3Z5V1 Datasheet
417Kb / 5P
500mW, SOD-323 Zener Diode
logo
Rectron Semiconductor
BAV35W RECTRON-BAV35W Datasheet
1Mb / 4P
350mW SOD-123 Fast Switching Diode
BAV35WV RECTRON-BAV35WV Datasheet
1Mb / 4P
350mW SOD-123 Fast Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com