Electronic Components Datasheet Search
  English  ▼

X  

BAS316WSV Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAS316WSV
Description  250mW SOD-323 Fast Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS316WSV Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAS316WSV Datasheet HTML 1Page - Rectron Semiconductor BAS316WSV Datasheet HTML 2Page - Rectron Semiconductor BAS316WSV Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS316WS
SOD-323 PACKAGE OUTLINE
Plastic surface mounted package
SOD-323
Symbol
Min.(mm)
Max.(mm)
A
1.000
A1
0.000
0.100
A2
0.800
0.900
b
0.250
0.350
c
0.080
0.150
D
1.200
1.400
E
1.600
1.800
E1
2.500
2.700
L
0.475REF
L1
0.250
0.400
¸
0º
8º
RATING AND CHARACTERISTICS CURVES (
V )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com