Electronic Components Datasheet Search
  English  ▼

X  

LT1672 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1672
Description  2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1672 Datasheet HTML 3Page - Linear Technology LT1672 Datasheet HTML 4Page - Linear Technology LT1672 Datasheet HTML 5Page - Linear Technology LT1672 Datasheet HTML 6Page - Linear Technology LT1672 Datasheet HTML 7Page - Linear Technology LT1672 Datasheet HTML 8Page - Linear Technology LT1672 Datasheet HTML 9Page - Linear Technology LT1672 Datasheet HTML 10Page - Linear Technology LT1672 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1672/LT1673/LT1674
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Warm-Up Drift vs Time
Open-Loop Gain
VS = 5V, 0V
Open-Loop Gain
VS = ±15V
Output Impedance vs Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
100
1k
10k
20k
1672/3/4 G13
VS = ± 2.5V
100
90
80
70
60
50
40
30
20
10
0
FREQUENCY (Hz)
10
100
90
80
70
60
50
40
30
20
10
0
100
1k
10k
1672/3/4 G14
VS = ± 2.5V
+PSRR
–PSRR
1672/3/4 G15
FREQUENCY (Hz)
10
0.1
1
10
100
100
1k
10k
AV = 10
AV = 5
VS = ± 2.5V
TIME AFTER POWER-UP (SEC)
0
40
20
30
10
0
–10
–20
–30
– 40
160
1672/3/4 G16
40
80
120
200
140
20
60
100
180
VS = ±15V
VS = ±2.5V
OUTPUT VOLTAGE (V)
0
–5
0
5
3
5
1672/3/4 G17
–10
–15
–20
12
4
10
15
20
6
VS = 5V, 0V
RL = 1M
RL = 100k
0.1Hz to 10Hz
Output Voltage Noise
Gain Bandwidth and Phase
Margin vs Supply Voltage
Capacitive Load Handling
SUPPLY VOLTAGE (V)
0
16
14
12
10
8
6
80
70
60
50
40
30
5
10
15
20
1672/3/4 G10
25
30
PHASE MARGIN
GBW
MEASURED AT
AV = 5
TIME (1s/DIV)
1672/3/4 G07
VS = ±15V
VCM = 0V
CAPACITIVE LOAD (pF)
10
80
70
60
50
40
30
20
10
0
100
1k
10k
1672/3/4 G12
VS = ± 2.5V
AV = 5
AV = 10
OUTPUT VOLTAGE (V)
–20 –15
0
40
20
1672/3/4 G18
–40
–80
–10
–5
0
5
15
10
80
–20
20
–60
60
RL = 100k
VS = ±15V
RL = 1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com