Electronic Components Datasheet Search
  English  ▼

X  

LT1672 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1672
Description  2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 1 Page - Linear Technology

  LT1672 Datasheet HTML 1Page - Linear Technology LT1672 Datasheet HTML 2Page - Linear Technology LT1672 Datasheet HTML 3Page - Linear Technology LT1672 Datasheet HTML 4Page - Linear Technology LT1672 Datasheet HTML 5Page - Linear Technology LT1672 Datasheet HTML 6Page - Linear Technology LT1672 Datasheet HTML 7Page - Linear Technology LT1672 Datasheet HTML 8Page - Linear Technology LT1672 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1672/LT1673/LT1674
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATION
2
µA Max, AV ≥ 5 Single, Dual
and Quad Over-The-Top Precision
Rail-to-Rail Input and Output Op Amps
s
Gain of 5 Stable
s
Low Supply Current: 2
µA Max per Amplifier
s
Rail-to-Rail Input and Output
s
Low Offset Voltage: 375
µV Max
s
Over-The-Top
TM Inputs Operate Above V+
s
Gain Bandwidth Product: 12kHz
s
Wide Supply Range: 2.2V to 36V
s
Single Supply Input Range: – 0.3V to 36V
s
Low Input Bias Current: 250pA
s
Low Input Offset Current: 20pA
s
High AVOL: 100V/mV Minimum Driving 100kΩ Load
s
Output Sources and Sinks 500
µA Load Current
s
Reverse Battery Protected to 18V
The LT
®1672/LT1673/LT1674 are ultralow power
(IS ≤ 2µA) decompensated (AV ≥ 5) op amps with preci-
sion specifications. The extremely low supply current is
combined with excellent amplifier specifications: input
offset voltage is 375
µV maximum with a typical drift of
only 0.4
µV/°C, input offset current is 100pA maximum. A
minimum open-loop gain (AVOL) of 100V/mV ensures that
gain errors are small. The devices’ characteristics change
little over the supply range of 2.2V to
±15V. Supply
rejection is 90dB and the common mode rejection ratio is
90dB. Operation is specified for 3V, 5V and
±15V supplies.
Reverse battery protection (–18V min) and inputs that
operate above the positive supply make the LT1672/
LT1673/LT1674 easy to use in harsh environments.
The low bias currents and offset current of the amplifier
permit the use of megohm level source resistors without
introducing significant errors. Voltage noise at 4
µVP-P is
remarkably low considering the low supply current. For
unity gain stable versions of these amplifiers, see the
LT1494/LT1495/LT1496.
The LT1672 is available in the 8-pin MSOP, PDIP and SO
packages. The LT1673 is available in plastic 8-pin PDIP
and SO-8 packages with the standard dual op amp pinout.
The LT1674 is available in 14-pin PDIP and SO packages.
s
Battery- or Solar-Powered Systems
s
Portable Instrumentation
s
Remote Sensor Amplifier
s
Micropower Filter
s
Photodiode Amplifier
s
High Impedance Circuits
Single Supply, 60
µW Precision Instrumentation Amplifier
TC VOS Distribution
, LTC and LT are registered trademarks of Linear Technology Corporation.
100k*
100k*
5V
5V
1M
0.0047
µF
AV = 100
BANDWIDTH = 1kHz
CMRR = 65dB AT 120Hz
*500V TRANSIENT PROTECTION
TOTAL SUPPLY CURRENT = 12
µA
+
–
1M
1M
100k
100k
1M
1M
VOUT
5V
LT1389-2.5
1672/3/4 TA01
LT1672
1000pF
110k
110k
VIN1
VIN2
–
+
–
+
1/2 LT1673
1/2 LT1673
TC VOS (µV/°C)
–1.5
80
70
60
50
40
30
20
10
0
0.9
1672/3/4 TA02
– 0.9
– 0.3
0.3
1.5
120 AMPLIFIERS
VS = ±2.5V
–40
°C to 85°C
Over-The-Top is a trademark of Linear Technology Corporation.


Similar Part No. - LT1672

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1672 LINER-LT1672 Datasheet
237Kb / 22P
Ultralow Voltage Step-Up Converter
LT1672 LINER-LT1672 Datasheet
258Kb / 24P
Ultralow Voltage Step-Up Converter
LT1672 LINER-LT1672 Datasheet
244Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter
LT1672 LINER-LT1672 Datasheet
220Kb / 12P
Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1672

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1494 LINER-LT1494 Datasheet
262Kb / 16P
1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494_15 Datasheet
264Kb / 16P
1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1495 LINER-LT1495_15 Datasheet
264Kb / 16P
1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1496 LINER-LT1496_15 Datasheet
264Kb / 16P
1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com