Electronic Components Datasheet Search
  English  ▼

X  

MCP6V16 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6V16
Description  7.5 關A, 80 kHz Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V16 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6V16 Datasheet HTML 3Page - Microchip Technology MCP6V16 Datasheet HTML 4Page - Microchip Technology MCP6V16 Datasheet HTML 5Page - Microchip Technology MCP6V16 Datasheet HTML 6Page - Microchip Technology MCP6V16 Datasheet HTML 7Page - Microchip Technology MCP6V16 Datasheet HTML 8Page - Microchip Technology MCP6V16 Datasheet HTML 9Page - Microchip Technology MCP6V16 Datasheet HTML 10Page - Microchip Technology MCP6V16 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
 2019 Microchip Technology Inc.
DS20006204A-page 7
MCP6V16/6U/7/9
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.6V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
2.1
DC Input Precision
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage
Quadratic Temp. Co.
FIGURE 2-4:
Input Offset Voltage vs.
Power Supply Voltage with VCM =VCML.
FIGURE 2-5:
Input Offset Voltage vs.
Power Supply Voltage with VCM =VCMH.
FIGURE 2-6:
Input Offset Voltage vs.
Output Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
5%
10%
15%
20%
25%
30%
35%
40%
-8
-6
-4
-2
0246
8
Input Offset Voltage (µV)
52 Samples
T
A = +25°C
V
DD = 1.6V and 5.5V
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
55%
-40
-30
-20
-10
0
10
20
30
40
Input Offset Voltage Drift; TC
1 (nV/°C)
52 Samples
V
DD = 1.6V and 5.5V
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
-160
-120
-80
-40
0
40
80
120
160
Input Offset Voltage's Quadratic Temp Co;
52 Samples
V
DD = 1.6V and 5.5V
TC
2 (pV/°C
2)
6
8
V
CM = VCML
Representative Part
4
6
Representative Part
0
2
-40°C
+25°C
-2
0
25 C
+85°C
+125°C
-4
-8
-6
Power Supply Voltage (V)
-8
-6
-4
-2
0
2
4
6
8
Power Supply Voltage (V)
V
CM = VCMH
Representative Part
+125°C
+85°C
+25°C
-40°C
6
8
Representative Part
4
6
0
2
V
DD = 5.5V
-2
0
V
DD = 1.6V
-4
-8
-6
8
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com