Electronic Components Datasheet Search
  English  ▼

X  

MCP6V16 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6V16
Description  7.5 關A, 80 kHz Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V16 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6V16 Datasheet HTML 4Page - Microchip Technology MCP6V16 Datasheet HTML 5Page - Microchip Technology MCP6V16 Datasheet HTML 6Page - Microchip Technology MCP6V16 Datasheet HTML 7Page - Microchip Technology MCP6V16 Datasheet HTML 8Page - Microchip Technology MCP6V16 Datasheet HTML 9Page - Microchip Technology MCP6V16 Datasheet HTML 10Page - Microchip Technology MCP6V16 Datasheet HTML 11Page - Microchip Technology MCP6V16 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MCP6V16/6U/7/9
DS20006204A-page 8
 2019 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.6V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
FIGURE 2-7:
Input Offset Voltage vs.
Common-Mode Voltage with VDD =1.6V.
FIGURE 2-8:
Input Offset Voltage vs.
Common-Mode Voltage with VDD =5.5V.
FIGURE 2-9:
CMRR and PSRR vs.
Ambient Temperature.
FIGURE 2-10:
DC Open-Loop Gain vs.
Ambient Temperature.
FIGURE 2-11:
Input Bias and Offset
Currents vs. Common-Mode Input Voltage with
TA = +85°C.
FIGURE 2-12:
Input Bias and Offset
Currents vs. Common-Mode Input Voltage with
TA = +125°C.
6
8
V
DD = 1.6V
Representative Part
4
6
Representative Part
0
2
-2
0
40°C
-4
-40°C
+25°C
+85°C
+125°C
-8
-6
+125°C
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Input Common Mode Voltage (V)
6
8
V
DD = 5.5V
Representative Part
4
6
Representative Part
0
2
-2
0
40°C
-4
-40 C
+25°C
+85°C
+125°C
-8
-6
+125 C
Input Common Mode Voltage (V)
155
160
145
150
PSRR
135
140
145
130
135
120
125
CMRR
V
55V
110
115
CMRR
V
DD = 5.5V
V
DD = 1.6V
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
155
160
145
150
135
140
145
V
DD = 5.5V
V
DD = 1.6V
130
135
120
125
110
115
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
150
200
T
A = +85°C
V
DD = 5.5V
100
150
DD
0
50
I
B
-50
0
-100
I
OS
-200
-150
Common Mode Input Voltage (V)
4000
5000
T
A = +125°C
V
DD = 5.5V
3000
4000
V
DD
5.5V
2000
3000
1000
I
B
1000
0
I
OS
-2000
-1000
Common Mode Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com