Electronic Components Datasheet Search
  English  ▼

X  

MCP39F511N Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 1 Page - Microchip Technology

  MCP39F511N Datasheet HTML 1Page - Microchip Technology MCP39F511N Datasheet HTML 2Page - Microchip Technology MCP39F511N Datasheet HTML 3Page - Microchip Technology MCP39F511N Datasheet HTML 4Page - Microchip Technology MCP39F511N Datasheet HTML 5Page - Microchip Technology MCP39F511N Datasheet HTML 6Page - Microchip Technology MCP39F511N Datasheet HTML 7Page - Microchip Technology MCP39F511N Datasheet HTML 8Page - Microchip Technology MCP39F511N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 1
MCP39F511N
Features
• Power Monitoring of Two Loads with accuracy of
0.5% across 4000:1 Dynamic Range
• Built-in Calculations on Fast 16-bit Processing
Core:
- Active, Reactive, Apparent Power
- True RMS Current, RMS Voltage
- Line Frequency, Power Factor
• 64-bit Wide Import and Export Active Energy
Accumulation Registers Per Channel
• 64-bit Four Quadrant Reactive Energy
Accumulation Registers Per Channel
• Signed Active and Reactive Power Outputs
• Dedicated Zero Crossing Detection (ZCD) Pin
Output with Less than 200 µs Latency
• Dedicated PWM Output Pin with Programmable
Frequency and Duty Cycle
• Automatic Event Pin Control through Fast Voltage
Surge Detection
- Less than 5 ms Delay
• Two-Wire Serial Protocol with Selectable Baud
Rate up to 115.2 kbps using Universal
Asynchronous Receiver/Transmitter (UART)
• Fast Calibration Routines and Simplified
Command Protocol
• 512 Bytes User-Accessible EEPROM through
Page Read/Write Commands
• Low-Drift Internal Voltage Reference, 10 ppm/°C
Typical
• 28-lead 5x5 QFN Package
• Extended Temperature Range: -40°C to +125°C
Applications
• Wall Socket (Dual Plug) Power Monitoring
• Power Monitoring for Home Automation
• Industrial Lighting Power Monitoring
• Real-Time Measurement of Input Power for
AC-DC Supplies
• Intelligent Power Distribution Units
Description
The MCP39F511N is a highly integrated, complete
dual-channel
single-phase
power-monitoring
IC
designed for real-time measurement of input power for
dual-socket wall outlets, power strips, and consumer
and industrial applications. It includes dual-channel
24-bit
Delta-Sigma
ADCs
for
dual-current
measurements, a 10-bit SAR ADC for voltage
measurement, a 16-bit calculation engine, EEPROM
and a flexible two-wire interface. An integrated low-drift
voltage reference with 10 ppm/°C in addition to 94.5 dB
of SINAD performance on each measurement channel
allow for better than 0.5% accurate designs across a
4000:1 dynamic range.
Package Types
1
25
2
3
4
5
89 10 11 12
21
20
19
18
17
28 27 26
24
EVENT1
NC
UART_RX
COMMONA
NC
EP
29
6
7
OSCI
OSCO
13 14
16
15
23 22
I1+
I1-
I2-
I2+
V+
AGND
EVENT2
MCP39F511N
5x5 QFN*
*Includes Exposed Thermal Pad (EP); see Table 3-1.
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation


Similar Part No. - MCP39F511N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
MCP39F511-E/MQ MICROCHIP-MCP39F511-E/MQ Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
MCP39F511A MICROCHIP-MCP39F511A Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
MCP39F511A-EMQ MICROCHIP-MCP39F511A-EMQ Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
MCP39F511AT-EMQ MICROCHIP-MCP39F511AT-EMQ Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
More results

Similar Description - MCP39F511N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
Single-channel Driver IC with Driver IC with Monitoring
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
ATMEL Corporation
T6801 ATMEL-T6801_05 Datasheet
228Kb / 6P
Single-channel Driver IC with Thermal Monitoring
logo
Cirrus Logic
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
PAC1710 MICROCHIP-PAC1710 Datasheet
492Kb / 48P
Single and Dual High-Side Current-Sense Monitor with Power Calculation
07/14/15
logo
fujitsu semiconductor
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
Power Voltage Monitoring IC
logo
Shenzhen Huazhimei Semi...
HM1168 HMSEMI-HM1168 Datasheet
676Kb / 10P
Low-power four-channel voltage monitoring IC
logo
Microchip Technology
MCP39F511A MICROCHIP-MCP39F511A Datasheet
1Mb / 68P
AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com