Electronic Components Datasheet Search
  English  ▼

X  

MCP47A1 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP47A1
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47A1 Datasheet(HTML) 2 Page - Microchip Technology

  MCP47A1 Datasheet HTML 1Page - Microchip Technology MCP47A1 Datasheet HTML 2Page - Microchip Technology MCP47A1 Datasheet HTML 3Page - Microchip Technology MCP47A1 Datasheet HTML 4Page - Microchip Technology MCP47A1 Datasheet HTML 5Page - Microchip Technology MCP47A1 Datasheet HTML 6Page - Microchip Technology MCP47A1 Datasheet HTML 7Page - Microchip Technology MCP47A1 Datasheet HTML 8Page - Microchip Technology MCP47A1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
MCP47A1
DS25154A-page 2
 2012 Microchip Technology Inc.
Device Features
Device
Package(s)
MCP47A1
I2C
65
64
20
00h - 40h
20h
5Ch, 7Ch 1.8V
(
1)
to 5.5V
VSS to VREF
SC70-6
MCP47DA1(2)
I2C
65
64
30
00h - 7Fh
40h
5Ch, 7Ch 1.8V
(
1)
to 5.5V
1/3 VREF to
2/3 VREF
SC70-6,
SOT-23-6
MCP4706
I2C
256
256
210
00h - FFh
7Fh
Cxh
(
3)
2.7V to
5.5V
VSS to VDD or
VSS to VREF
(
5)
SOT-23-6,
DFN-6 (2x2)
MCP4716
I2C 1024 1024
210
000h - 3FFh 1FFh
Cxh
(
3)
2.7V to
5.5V
VSS to VDD or
VSS to VREF
(
5)
SOT-23-6,
DFN-6 (2x2)
MCP4726
I2C 4096 4096
210
000h - FFFh 3FFh
Cxh
(
3)
2.7V to
5.5V
VSS to VDD or
VSS to VREF
(
5)
SOT-23-6,
DFN-6 (2x2)
MCP4725
I2C 4096 4096
N.A.
000h - FFFh 3FFh
Cxh
(
4)
2.7V to
5.5V
VSS to VDD
SOT-23-6
Note 1: Analog characteristics only tested from 2.7V to 5.5V.
2: Refer to MCP47DA1 Data Sheet (DS25118).
3: The A2:A0 bits are determined by device ordered.
4: The A2 and A1 bits are determined by device ordered and A0 is determined by the state of the A0 pin.
5: User programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com