Electronic Components Datasheet Search
  English  ▼

X  

MCP47A1 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP47A1
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47A1 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP47A1 Datasheet HTML 45Page - Microchip Technology MCP47A1 Datasheet HTML 46Page - Microchip Technology MCP47A1 Datasheet HTML 47Page - Microchip Technology MCP47A1 Datasheet HTML 48Page - Microchip Technology MCP47A1 Datasheet HTML 49Page - Microchip Technology MCP47A1 Datasheet HTML 50Page - Microchip Technology MCP47A1 Datasheet HTML 51Page - Microchip Technology MCP47A1 Datasheet HTML 52Page - Microchip Technology MCP47A1 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 49
MCP47A1
8.2
Selectable Gain and Offset Bipolar
Voltage Output
In some applications, control of the output range is
desirable. Figure 8-4 shows a circuit using a DAC
device to achieve a bipolar or single-supply application.
This circuit is typically used for linearizing a sensor
whose slope and offset varies. Depending on the out-
put range desired, resistor R4 or resistor R5 may not be
required. Equation 8-4 shows the calculation of the
Gain, while Equation 8-5 shows the calculation of the
VO voltage.
This circuit can be simplified if the window range is
limited (by removing either the R4 or R5 resistor).
Figure 8-5 shows a circuit for the case where the R5
resistor is removed. Resistors R1 and R2 control the
gain, while resistors R3 and R4 shift the DAC's output
to a selected offset. Equation 8-6 shows the calculation
of the VO voltage.
FIGURE 8-4:
Bipolar Voltage Source with
Selectable Gain and Offset Circuit.
FIGURE 8-5:
Simplified Bipolar Voltage
Source with Selectable Gain and Offset Circuit.
EQUATION 8-4:
GAIN CALCULATION
EQUATION 8-5:
BIPOLAR “WINDOW” DAC
CALCULATIONS
EQUATION 8-6:
SIMPLIFIED BIPOLAR
“WINDOW” DAC
CALCULATIONS
Note:
R4 can be tied to VDD, instead of VSS, if a
higher offset is desired.
R3
VCC+
VCC–
VO
I2C™
2-wire
VREF
MCP47A1
VDD
R2
VOUT
VIN
R1
R4
C1
R5
VOA+
VCC+
VCC–
Note: Capacitor C1 is recommended (0.1uF typical)
R3
VCC+
VCC–
VO
I2C™
2-wire
VREF
MCP47A1
VDD
R2
VOUT
VIN
R1
R4
C1
VOA+
Note: Capacitor C1 is recommended (0.1uF typical)
Gain =
R2
R1
If desired Gain = 0.5, and R1 is selected as 20 k
then R2 would need to be 10 k .
Offset Adjust
Gain Adjust
VOA+ =
(VOUT • R45) + (V45 • R3)
R3 + R45
VO = VOA+ • ( 1 +
) - VIN • (
)
R2
R1
R2
R1
VOUT = N * VS
(1)
Note 1: V
OUT calculation does not take into
account RFS and RZS resistors of the DAC’s
resistor ladder (see
Section 7.1 for additional
information).
V45 =
(VCC+ • R4) + (VCC- • R5)
R4 + R5
R45 =
R4 • R5
R4 + R5
VS =
VREF
192
VOA+ = VOUT • (
)
R4
R3 + R4
VO = VOA+ • ( 1 +
) - VIN • (
)
R2
R1
R2
R1
VOUT = N * VS
Note 1: V
OUT calculation does not take into
account RFS and RZS resistors of the DAC’s
resistor ladder (see
Section 7.1 for additional
information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com