Electronic Components Datasheet Search
  English  ▼

X  

MCP47FVBX1 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 46Page - Microchip Technology MCP47FVBX1 Datasheet HTML 47Page - Microchip Technology MCP47FVBX1 Datasheet HTML 48Page - Microchip Technology MCP47FVBX1 Datasheet HTML 49Page - Microchip Technology MCP47FVBX1 Datasheet HTML 50Page - Microchip Technology MCP47FVBX1 Datasheet HTML 51Page - Microchip Technology MCP47FVBX1 Datasheet HTML 52Page - Microchip Technology MCP47FVBX1 Datasheet HTML 53Page - Microchip Technology MCP47FVBX1 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
MCP47FVBXX
DS20005405A-page 50
 2015 Microchip Technology Inc.
6.9
Entering High-Speed (HS) Mode
The I2C specification requires that a High-Speed mode
device must be ‘activated’ to operate in High-Speed
(3.4 Mbit/s) mode. This is done by the master sending
a special address byte following the Start bit. This byte
is referred to as the High-Speed Master Mode Code
(HSMMC).
The device can now communicate at up to 3.4 Mbit/s
on SDA and SCL lines. The device will switch out of the
HS mode on the next Stop condition.
The master code is sent as follows:
1.
Start condition (S)
2.
High-Speed Master Mode Code (0000 1XXX),
The XXX bits are unique to the High-Speed (HS)
mode master.
3.
No Acknowledge (A)
After switching to the High-Speed mode, the next
transferred byte is the I2C control byte, which specifies
the device to communicate with, and any number of
data bytes plus acknowledgments. The master device
can then either issue a Repeated Start bit to address a
different device (at High-Speed) or a Stop bit to return
to Fast/Standard bus speed. After the Stop bit, any
other master device (in a multi-master system) can
arbitrate for the I2C bus.
The MCP47FVBXX device does not acknowledge the
HS Select byte. However, upon receiving this com-
mand, the device switches to HS mode.
See Figure 6-3 for illustration of HS mode command
sequence.
For more information on the HS mode, or other I2C
modes, please refer to the NXP I2C specification.
6.9.1
SLOPE CONTROL
The slope control on the SDA output is different
between the Fast/Standard Speed and the High-Speed
clock modes of the interface.
6.9.2
PULSE GOBBLER
The pulse gobbler on the SCL pin is automatically
adjusted to suppress spikes <10 ns during HS mode.
FIGURE 6-3:
HS Mode Sequence.
S
A
‘0000 1XXX’b
Sr
A
‘Slave Address’
A/A
“Data”
P
S = Start bit
Sr = Repeated Start bit
A = Acknowledge bit
A = Not Acknowledge bit
R/W = Read/Write bit
R/W
P = Stop bit (Stop condition terminates HS Mode)
F/S-mode
HS-mode
HS-mode continues
F/S-mode
Sr
A
‘Slave Address’ R/W
HS Select Byte
Control Byte
Command/Data Byte(s)
Control Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com