Electronic Components Datasheet Search
  English  ▼

X  

MCP47FVBX1 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 52Page - Microchip Technology MCP47FVBX1 Datasheet HTML 53Page - Microchip Technology MCP47FVBX1 Datasheet HTML 54Page - Microchip Technology MCP47FVBX1 Datasheet HTML 55Page - Microchip Technology MCP47FVBX1 Datasheet HTML 56Page - Microchip Technology MCP47FVBX1 Datasheet HTML 57Page - Microchip Technology MCP47FVBX1 Datasheet HTML 58Page - Microchip Technology MCP47FVBX1 Datasheet HTML 59Page - Microchip Technology MCP47FVBX1 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
MCP47FVBXX
DS20005405A-page 56
 2015 Microchip Technology Inc.
FIGURE 7-4:
Read Command - Single Memory Address.
FIGURE 7-5:
Read Command - Last Memory Address Accessed.
Control Byte
Read Command
S0
AD
AD AD AD AD
A1 1 X A Sr
1
2
3
4
I2C™ Slave Address
Memory Address Command
Control Byte
Read bits
D
DD D D
D D D
A
Write bit
D
DD DD
DD D
A
1A
Read bit
Repeated Start bit
Read Data bits
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
0
P
SA
6
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
SA
6
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
I2C Slave Address
Start bit
ACK bit (1)
ACK bit (1)
ACK bit (4)
ACK bit (5)
Stop bit (2, 3)
ACK bit (1)
Note 1:
The Acknowledge bit is generated by the MCP47FVBXX.
2:
At the falling edge of the SCL pin for the Read command ACK bit, the MCP47FVBXX device updates
the value of the specified device register.
3:
This command sequence does not need to terminate (using the Stop bit), and the Read command can
be repeated (see continuous read format, Section 7.2.2 “Continuous Reads”).
4:
Master Device is responsible for A/A signal. If an A signal occurs, the MCP47FVBXX will abort this
transfer and release the bus.
5:
The Master Device will Not Acknowledge, and the MCP47FVBXX will release the bus so the Master
Device can generate a Stop or Repeated Start condition.
Control Byte
S1 A
I2C™ Slave Address
Read bits
P
D
DDD D
D D D
A
D
DDDD
DD D
A
Read Data bits
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
SA
6
SA
5
SA
4
SA
3
SA
2
SA
1
SA
0
Start bit
ACK bit (1)
ACK bit (2)
Read bit
Stop bit (5)
ACK bit (3, 4)
Note 1:
The Acknowledge bit is generated by the MCP47FVBXX.
2:
Master Device is responsible for A/A signal. If a A signal occurs, the MCP47FVBXX will abort this trans-
fer and release the bus.
3:
The Master Device will Not Acknowledge, and the MCP47FVBXX will release the bus so the Master
Device can generate a Stop or Repeated Start condition.
4:
At the falling edge of the SCL pin for the Read command ACK bit, the MCP47FVBXX device updates
the value of the specified device register.
5:
This command sequence does not need to terminate (using the Stop bit), and the Read command can
be repeated (see continuous read format, Section 7.2.2 “Continuous Reads”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com