Electronic Components Datasheet Search
  English  ▼

X  

CY28159 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28159
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28159 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28159 Datasheet HTML 1Page - Cypress Semiconductor CY28159 Datasheet HTML 2Page - Cypress Semiconductor CY28159 Datasheet HTML 3Page - Cypress Semiconductor CY28159 Datasheet HTML 4Page - Cypress Semiconductor CY28159 Datasheet HTML 5Page - Cypress Semiconductor CY28159 Datasheet HTML 6Page - Cypress Semiconductor CY28159 Datasheet HTML 7Page - Cypress Semiconductor CY28159 Datasheet HTML 8Page - Cypress Semiconductor CY28159 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Clock Generator for Serverworks Grand Champion Chipset Applications
CY28159
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07118 Rev. **
Revised January 14, 2002
59
Features
• Eight differential CPU clock outputs
• One PCI output
• One 14.31818-MHz reference clock
• Two 48-MHz clocks
• All outputs compliant with Intel® specifications
• External resistor for current reference
• Selection logic for differential swing control, test mode,
Hi-Z, power-down and spread spectrum
• 48-pin SSOP and TSSOP packages
Intel is a registered trademark of Intel Corporation.
Table 1. Frequency Selection
SEL 100/133
S0
S1
CPU(0:7), CPU#(0:7)
3V33
48M(0,1)
Notes
0
0
0
100 MHz
33.3MHz
48 MHz
Normal Operation
0
0
1
100 MHz
33.3MHz
Disable
Test Mode(recommended)
0
1
0
100 MHz
Disable
Disable
Test Mode (optional)
0
1
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z all outputs
1
0
0
133.3MHz
33.3MHz
48 MHz
Optional
1
0
1
133.3MHz
33.3MHz
Disable
Optional
1
1
0
200MHz
33.3MHz
48 MHz
o7ptional
1
1
1
N/A
N/A
N/A
Reserved
Block Diagram
Pin Configuration
OSC
VCO
I
Control
VDDI
I_Ref
VSSI
REF
CPU (0:7)
CPU (0:7)#
48M(0,1)/S(0,1)
VDDL
3V33
VSSL
SSCG#
SEL100/133
XOUT
XIN
MultSel(0:1)
PD#
S(0,1)
3V33
VDD
48M0/S0
48M1/S1
VSS
VDD
CPU0
CPU0#
VSS
CPU1
CPU1#
VDD
CPU2
CPU2#
VSS
CPU3
CPU3#
VDD
REF
SSCG#
VSS
XIN
XOUT
VDD
SEL100/133
VSS
VDDA
VSSA
PD#
VDD
CPU4
CPU4#
VSS
CPU5
CPU5#
VDD
CPU6
CPU6#
VSS
CPU7
CPU7#
VDD
MULT0
MULT1
VSS
VSSA
IREF
VDDA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - CY28159

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28159 SPECTRALINEAR-CY28159 Datasheet
233Kb / 12P
Clock Generator for Serverworks Grand Champion Chipset Applications
CY28159PVC SPECTRALINEAR-CY28159PVC Datasheet
233Kb / 12P
Clock Generator for Serverworks Grand Champion Chipset Applications
CY28159PVCT SPECTRALINEAR-CY28159PVCT Datasheet
233Kb / 12P
Clock Generator for Serverworks Grand Champion Chipset Applications
CY28159ZC SPECTRALINEAR-CY28159ZC Datasheet
233Kb / 12P
Clock Generator for Serverworks Grand Champion Chipset Applications
CY28159ZCT SPECTRALINEAR-CY28159ZCT Datasheet
233Kb / 12P
Clock Generator for Serverworks Grand Champion Chipset Applications
More results

Similar Description - CY28159

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28159 SPECTRALINEAR-CY28159 Datasheet
233Kb / 12P
Clock Generator for Serverworks Grand Champion Chipset Applications
logo
Silicon Laboratories
CY505YC64DT SILABS-CY505YC64DT Datasheet
212Kb / 24P
Clock Generator for Intel짰Broadwater Chipset
CY28411 SILABS-CY28411 Datasheet
165Kb / 18P
Clock Generator for Intel짰Alviso Chipset
CY28442-2 SILABS-CY28442-2 Datasheet
1Mb / 20P
Clock Generator for Intel짰Alviso Chipset
CY28446 SILABS-CY28446 Datasheet
168Kb / 19P
Clock Generator for Intel짰Calistoga Chipset
CY28447 SILABS-CY28447 Datasheet
1Mb / 23P
Clock Generator for Intel짰Calistoga Chipset
CY28548 SILABS-CY28548 Datasheet
1Mb / 31P
Clock Generator for Intel짰Crestline Chipset
SL28504-2 SILABS-SL28504-2 Datasheet
410Kb / 28P
Clock Generator for Intel짰Eaglelake Chipset
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
Clock Generator for Intel짰Mobile Chipset
SL28541-2 SILABS-SL28541-2 Datasheet
276Kb / 28P
Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com