Electronic Components Datasheet Search
  English  ▼

X  

CY28159 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY28159
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28159 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28159 Datasheet HTML 1Page - Cypress Semiconductor CY28159 Datasheet HTML 2Page - Cypress Semiconductor CY28159 Datasheet HTML 3Page - Cypress Semiconductor CY28159 Datasheet HTML 4Page - Cypress Semiconductor CY28159 Datasheet HTML 5Page - Cypress Semiconductor CY28159 Datasheet HTML 6Page - Cypress Semiconductor CY28159 Datasheet HTML 7Page - Cypress Semiconductor CY28159 Datasheet HTML 8Page - Cypress Semiconductor CY28159 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY28159
Document #: 38-07118 Rev. **
Page 3 of 13
Test Load Configuration
The following shows test load configurations for the different Host Clock Outputs.(MULTsel1 = 0, MULTsel0 =1
Table 2. Group Offset Specifications
Group
Offset
Comments
CPU to 3V33
No requirement
CPU to REF
No requirement
Table 3. Group Limits and Parameters (Applicable to all
settings: Sel133/100#=x)
Output Name
Max Load
CPU[(0:7)#]
See Figure 1
REF
20 pF
3V33
30 pF
CPUT
MULTSEL
T
PCB
T
PCB
CPUT#
33Ω
33Ω
Measurement Point
49.9Ω
49.9Ω
2pF
Measurement Point
2pF
221Ω
VDD
Figure 1. 0.7V Test Load Termination
CLOAD
Probe
Output Under Test
Figure 2. Lumped Load Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com