Electronic Components Datasheet Search
  English  ▼

X  

LM3204TL Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3204TL
Description  Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3204TL Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3204TL Datasheet HTML 8Page - National Semiconductor (TI) LM3204TL Datasheet HTML 9Page - National Semiconductor (TI) LM3204TL Datasheet HTML 10Page - National Semiconductor (TI) LM3204TL Datasheet HTML 11Page - National Semiconductor (TI) LM3204TL Datasheet HTML 12Page - National Semiconductor (TI) LM3204TL Datasheet HTML 13Page - National Semiconductor (TI) LM3204TL Datasheet HTML 14Page - National Semiconductor (TI) LM3204TL Datasheet HTML 15Page - National Semiconductor (TI) LM3204TL Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Operation Description (Continued)
Circuit Operation
Referring to Figure 1, the LM3204 operates as follows. Dur-
ing the first part of each switching cycle, the control block in
the LM3204 turns on the internal PFET (P-channel MOS-
FET) switch. This allows current to flow from the input
through the inductor to the output filter capacitor and load.
The inductor limits the current to a ramp with a slope of
around (V
IN -VOUT) / L, by storing energy in a magnetic field.
During the second part of each cycle, the controller turns the
PFET switch off, blocking current flow from the input, and
then turns the NFET (N-channel MOSFET) synchronous
rectifier on. In response, the inductor’s magnetic field col-
lapses, generating a voltage that forces current from ground
through the synchronous rectifier to the output filter capacitor
and load. As the stored energy is transferred back into the
circuit and depleted, the inductor current ramps down with a
slope around V
OUT / L. The output filter capacitor stores
charge when the inductor current is going high, and releases
it when inductor current is going low, smoothing the voltage
across the load.
The output voltage is regulated by modulating the PFET
switch on time to control the average current sent to the load.
The effect is identical to sending a duty-cycle modulated
rectangular wave formed by the switch and synchronous
rectifier at SW to a low-pass filter formed by the inductor and
output filter capacitor. The output voltage is equal to the
average voltage at the SW pin.
PWM Mode
While in PWM (Pulse Width Modulation) mode, the output
voltage is regulated by switching at a constant frequency
and then modulating the energy per cycle to control power to
the load. Energy per cycle is set by modulating the PFET
switch on-time pulse width to control the peak inductor cur-
rent. This is done by comparing the PFET drain current to a
slope-compensated reference current generated by the error
amplifier. At the beginning of each cycle, the clock turns on
the PFET switch, causing the inductor current to ramp up.
When the current sense signal ramps past the error amplifier
signal, the PWM comparator turns off the PFET switch and
turns on the NFET synchronous rectifier, ending the first part
of the cycle. If an increase in load pulls the output down, the
error amplifier output increases, which allows the inductor
current to ramp higher before the comparator turns off the
PFET. This increases the average current sent to the output
and adjusts for the increase in the load. The minimum on-
time of PFET in PWM mode is 50ns (typ.).
Bypass Mode
The LM3204 contains an internal PFET switch for bypassing
the PWM DC-DC converter during Bypass mode. In Bypass
mode, this PFET is turned on to power the PA directly from
the battery for maximum RF output power. Bypass mode is
more efficient than operating in PWM mode at 100% duty
cycle because the resistance of the bypass PFET is less
than the series resistance of the PWM PFET and inductor.
This translates into higher voltage available on the output in
Bypass mode, for a given battery voltage. The part can be
placed in bypass mode by sending BYP pin high. This is
called Forced Bypass Mode and it remains in bypass mode
until BYP pin goes low.
Alternatively the part can go into Bypass mode automatically.
This is called Auto-bypass mode or Automatic Bypass mode.
The bypass switch turns on when the difference between the
input voltage and programmed output voltage is less than
250mV (typ.) for more than the bypass delay time of 15µs
(typ.). The bypass switch turns off when the input voltage is
higher than the programmed output voltage by 450mV (typ.)
for longer than the bypass delay time. The bypass delay time
is provided to prevent false triggering into Automatic Bypass
mode by either spikes or dips in V
IN. This method is very
system resource friendly in that the Bypass PFET is turned
on automatically when the input voltage gets close to the
output voltage, typical scenario of a discharging battery. It is
also turned off automatically when the input voltage rises,
typical scenario of a charger connected. Another scenario
could be changes made to V
CON voltage causing Bypass
PFET to turn on and off automatically. It is recommended to
connect BYPOUT pin directly to the output capacitor with a
separate trace and not to the FB pin.
If the V
CON is less than approximately 0.15V, the Bypass
FET is turned off.
20138936
FIGURE 1. Typical Operating System Circuit
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com