Electronic Components Datasheet Search
  English  ▼

X  

SC3S06503A Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # SC3S06503A
Description  650V/3ASiliconCarbidePowerSchottkyBarrierDiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SC3S06503A Datasheet(HTML) 4 Page - Rectron Semiconductor

  SC3S06503A Datasheet HTML 1Page - Rectron Semiconductor SC3S06503A Datasheet HTML 2Page - Rectron Semiconductor SC3S06503A Datasheet HTML 3Page - Rectron Semiconductor SC3S06503A Datasheet HTML 4Page - Rectron Semiconductor SC3S06503A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Package TO 220
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
C
1.23
1.32
0.048
0.052
D
2.4
2.72
0.094
0.107
E
0.49
0.7
0.019
0.028
F
0.61
0.88
0.024
0.035
F1
1.14
1.7
0.045
0.067
F3
1
0.039
G
4.95
5.15
0.195
0.203
H1
7.7
7.9
0.303
0.311
H2
10
10.4
0.394
0.409
L2
16.4
0.646
L3
28.9
1.138
L4
13
14
0.512
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.138
0.155
M
2.6
V
5°
V2
30°
V4
45°
diam
3.75
3.85
0.148
0.152



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com