Electronic Components Datasheet Search
  English  ▼

X  

SC3S06503A Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SC3S06503A
Description  650V/3ASiliconCarbidePowerSchottkyBarrierDiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SC3S06503A Datasheet(HTML) 1 Page - Rectron Semiconductor

  SC3S06503A Datasheet HTML 1Page - Rectron Semiconductor SC3S06503A Datasheet HTML 2Page - Rectron Semiconductor SC3S06503A Datasheet HTML 3Page - Rectron Semiconductor SC3S06503A Datasheet HTML 4Page - Rectron Semiconductor SC3S06503A Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
650V/3ASiliconCarbidePowerSchottkyBarrierDiode
Features
• Rated to 650Vat 3Amps
• Zero reverse recovery current
• Zero forward recovery voltage
• Temperature independentswitchingbehavior
• High temperature operation
• High frequencyoperation
Benefits
• Unipolarrectifier
• Substantially reducedswitchinglosses
• No thermalrunawaywithparalleldevices
• Reducedheat sinkrequirements
Applications
• SMPS,e.g.,CCMPFC;
• Motor drives,Solarapplication,UPS,
Wind turbine,Railtraction,EV/HEV
Key Characteristics
VRRM
650
V
IF, Tc
135
5
A
QC
11
nC
PartNo.
Package Type
Marking
TO 220 2 pin
SC3S06503A
2016-11
REV:O26
SC3S06503A
06503


Similar Part No. - SC3S06503A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SC3S06503F RECTRON-SC3S06503F Datasheet
284Kb / 6P
650V/3ASiliconCarbidePowerSchottkyBarrierDiode
More results

Similar Description - SC3S06503A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SC3S06503F RECTRON-SC3S06503F Datasheet
284Kb / 6P
650V/3ASiliconCarbidePowerSchottkyBarrierDiode
SC3S06505A RECTRON-SC3S06505A Datasheet
302Kb / 5P
650V/5ASiliconCarbidePowerSchottkyBarrierDiode
SC3S06505C RECTRON-SC3S06505C Datasheet
1Mb / 5P
650V/5ASiliconCarbidePowerSchottkyBarrierDiode
SC3S06506A RECTRON-SC3S06506A Datasheet
337Kb / 5P
650V/6A Silicon Carbide Power Schottky Barrier Diode
SC3S06508A RECTRON-SC3S06508A Datasheet
467Kb / 5P
650V/8A Silicon Carbide Power Schottky Barrier Diode
SC3S06510A RECTRON-SC3S06510A Datasheet
384Kb / 5P
650V/10ASiliconCarbidePowerSchottkyBarrierDiode
SC3S06520A RECTRON-SC3S06520A Datasheet
367Kb / 5P
650V/20A Silicon Carbide Power Schottky Barrier Diode
SC3S06520B RECTRON-SC3S06520B Datasheet
636Kb / 5P
650V/20A Silicon Carbide Power Schottky Barrier Diode
SC3S06530A RECTRON-SC3S06530A Datasheet
313Kb / 5P
650V/30A Silicon Carbide Power Schottky Barrier diode
SC3S06530B RECTRON-SC3S06530B Datasheet
1Mb / 5P
650V/30A Silicon Carbide Power Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com