Electronic Components Datasheet Search
  English  ▼

X  

SIP4280 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP4280
Description  Slew Rate Controlled Load Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP4280 Datasheet HTML 1Page - Vishay Siliconix SIP4280 Datasheet HTML 2Page - Vishay Siliconix SIP4280 Datasheet HTML 3Page - Vishay Siliconix SIP4280 Datasheet HTML 4Page - Vishay Siliconix SIP4280 Datasheet HTML 5Page - Vishay Siliconix SIP4280 Datasheet HTML 6Page - Vishay Siliconix SIP4280 Datasheet HTML 7Page - Vishay Siliconix SIP4280 Datasheet HTML 8Page - Vishay Siliconix SIP4280 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SiP4280
Vishay Siliconix
Document Number: 73476
S–52468—Rev. B, 28-Nov-05
www.vishay.com
1
Slew Rate Controlled Load Switch
FEATURES
APPLICATIONS
D 1.8 V to 5.5 V Input Voltage range
D Very Low RDS(ON), typically 80 m (5 V)
D Slew rate limited turn–on time options
D SiP4280–1: 1 ms
D SiP4280–3: 100 ms
D Fast shutdown load discharge option
D Low quiescent current
D 4 kV ESD Rating
D 8 pin SC70JW package
D Cellular telephones
D Digital still cameras
D Personal digital assistants (PDA)
D Hot swap supplies
D Notebook computers
D Personal communication devices
DESCRIPTION
The SiP4280 is a P–channel MOSFET power switch designed
for high–side load switching applications. The output pass
transistor is a P–channel MOSFET transistor with typically 80
m
Ω RDS(ON). The SiP4280 is available in two different versions
of turn–on times. The SiP4280–1 version has a slew rate
limited turn–on time typically of 1 ms. The SiP4280–3 version
has a slew rate limited turn–on time typically of 100
ms and
additionally offers a shutdown load discharge circuit to rapidly
turn off a load circuit when the switch is disabled.
Both SiP4280 load switch versions operate with an input
voltage ranging from 1.8 V to 5.5 V, making them ideal for both
3 V and 5 V applications. The SiP4280 also features an
under–voltage lock out which turns the switch off when an
input undervoltage condition exists. Input logic levels are TTL
and 2.5 volt to 5.0 volt CMOS compatible. The quiescent
supply current is very low, typically 2.5
mA. In shutdown mode,
the supply current decreases to less than 1.0
mA.
The SiP4280 is available in a 8 pin SC70JW package and is
specified over –40
_C to 85 _C temperature range.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - SIP4280

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4280 VISHAY-SIP4280 Datasheet
353Kb / 10P
Slew Rate Controlled Load Switch
04-Sep-06
SIP4280A VISHAY-SIP4280A Datasheet
1Mb / 9P
Slew Rate Controlled Load Switch
11-Sep-06
SIP4280A VISHAY-SIP4280A Datasheet
479Kb / 10P
Slew Rate Controlled Load Switch
11-Sep-06
SIP4280ADT-1-T1-E3 VISHAY-SIP4280ADT-1-T1-E3 Datasheet
1Mb / 9P
Slew Rate Controlled Load Switch
11-Sep-06
SIP4280ADT-1-T1-E3 VISHAY-SIP4280ADT-1-T1-E3 Datasheet
479Kb / 10P
Slew Rate Controlled Load Switch
11-Sep-06
More results

Similar Description - SIP4280

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com