Electronic Components Datasheet Search
  English  ▼

X  

SIP4280 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP4280
Description  Slew Rate Controlled Load Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP4280 Datasheet HTML 1Page - Vishay Siliconix SIP4280 Datasheet HTML 2Page - Vishay Siliconix SIP4280 Datasheet HTML 3Page - Vishay Siliconix SIP4280 Datasheet HTML 4Page - Vishay Siliconix SIP4280 Datasheet HTML 5Page - Vishay Siliconix SIP4280 Datasheet HTML 6Page - Vishay Siliconix SIP4280 Datasheet HTML 7Page - Vishay Siliconix SIP4280 Datasheet HTML 8Page - Vishay Siliconix SIP4280 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SiP4280
Vishay Siliconix
www.vishay.com
4
Document Number: 73476
S–52468—Rev. B, 28-Nov-05
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
60
70
80
90
100
110
120
130
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
123
456
Quiescent Current vs. Input Voltage
VIN (V)
Temperature (
_C)
50
70
90
110
130
150
170
190
210
230
250
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
RDS(ON) vs. Input Voltage
VIN (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Off Switch Current vs. Temperature
2 A
Temperature (
_C)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
ON/OFF Threshold vs. Input Voltage
VIN (V)
VIL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Quiescent Current vs. Temperature
–40
100 mA
1 A
500 mA
Temperature (
_C)
–25
0
25
50
75
85
V = 5 V
VIN = 3 V
VIH
–40
–25
0
25
50
75
85
RDS(ON) vs. Temperature
–40
–25
0
25
50
75
85
100
V = 5 V
V = 3 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com