Electronic Components Datasheet Search
  English  ▼

X  

2SC6025 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # 2SC6025
Description  NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6025 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button 2SC6025 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 10Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 11Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 12Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 13Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 14Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2SC6025
No.8144-14/15
S Parameters (Common emitter)
VCE=3V, IC=25mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.567
--36.8
25.354
139.3
0.018
81.7
0.790
--27.0
400
0.403
--63.6
18.284
114.6
0.034
81.9
0.612
--41.5
600
0.306
--81.7
13.142
101.3
0.050
82.2
0.492
--49.2
800
0.249
--95.9
10.045
93.3
0.066
81.4
0.415
--53.8
1000
0.213
--107.6
8.091
87.6
0.083
80.3
0.363
--57.0
1200
0.189
--117.8
6.768
83.2
0.099
79.6
0.326
--59.6
1400
0.173
--127.9
5.821
79.3
0.115
78.5
0.300
--62.1
1600
0.165
--137.0
5.119
75.9
0.131
77.4
0.280
--64.5
1800
0.159
--145.0
4.572
72.6
0.148
76.1
0.265
--67.1
2000
0.155
--152.9
4.140
69.6
0.164
74.9
0.253
--69.9
2200
0.155
--160.4
3.791
66.7
0.180
73.6
0.242
--72.9
2400
0.158
--167.2
3.501
63.8
0.197
72.2
0.233
--76.1
2600
0.160
--173.2
3.255
61.2
0.214
70.9
0.228
--79.6
2800
0.164
--179.0
3.048
58.4
0.230
69.6
0.221
--83.1
3000
0.168
175.7
2.866
55.9
0.246
68.2
0.217
--86.8
3200
0.174
171.0
2.715
53.4
0.263
66.9
0.214
--90.8
3400
0.181
167.0
2.579
50.8
0.280
65.4
0.212
--95.2
3600
0.189
163.0
2.463
48.4
0.297
63.9
0.210
--99.8
3800
0.197
159.1
2.360
45.9
0.314
62.4
0.210
--104.6
4000
0.207
155.6
2.266
43.4
0.331
60.9
0.210
--109.7
4200
0.216
152.3
2.181
41.0
0.348
59.3
0.211
--114.8
4400
0.225
149.1
2.103
38.6
0.364
57.7
0.212
--120.0
4600
0.236
145.8
2.032
36.2
0.382
56.0
0.214
--125.3
4800
0.247
142.9
1.967
33.9
0.398
54.3
0.217
--130.6
5000
0.258
140.2
1.906
31.6
0.415
52.7
0.221
--135.7
5200
0.269
137.4
1.850
29.2
0.431
51.0
0.225
--141.1
5400
0.280
134.8
1.798
27.0
0.447
49.2
0.230
--146.3
5600
0.292
132.1
1.750
24.8
0.462
47.5
0.236
--151.3
5800
0.303
129.6
1.705
22.6
0.478
45.7
0.242
--156.3
6000
0.315
127.1
1.662
20.4
0.493
43.9
0.249
--161.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com