Electronic Components Datasheet Search
  English  ▼

X  

2SC6025 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # 2SC6025
Description  NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6025 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button 2SC6025 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2SC6025
No.8144-6/15
S Parameters (Common emitter)
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.761
--28.4
13.148
148.0
0.026
79.5
0.851
--27.2
400
0.606
--55.3
12.589
125.9
0.047
73.4
0.673
--45.4
600
0.471
--77.1
10.264
110.2
0.063
71.3
0.536
--57.4
800
0.375
--93.5
8.283
99.6
0.080
70.7
0.443
--65.2
1000
0.310
--107.0
6.873
92.1
0.095
70.6
0.377
--70.9
1200
0.271
--118.0
5.836
86.3
0.111
70.1
0.331
--75.8
1400
0.247
--128.8
5.047
81.7
0.126
69.6
0.297
--79.9
1600
0.229
--138.3
4.461
77.5
0.142
69.1
0.272
--83.7
1800
0.218
--146.7
4.003
73.8
0.158
68.3
0.252
--87.7
2000
0.214
--155.0
3.632
70.2
0.175
67.4
0.236
--91.9
2200
0.209
--162.1
3.328
67.0
0.191
66.5
0.225
--95.5
2400
0.208
--169.2
3.081
63.7
0.207
65.4
0.215
--99.9
2600
0.209
--175.5
2.868
60.7
0.223
64.5
0.208
--104.0
2800
0.212
178.4
2.687
57.8
0.239
63.4
0.202
--108.3
3000
0.215
173.0
2.533
54.9
0.256
62.3
0.199
--112.7
3200
0.221
168.2
2.399
52.2
0.272
61.0
0.197
--117.6
3400
0.227
163.4
2.282
49.5
0.289
59.7
0.197
--121.9
3600
0.235
159.2
2.181
46.9
0.306
58.4
0.197
--126.9
3800
0.243
155.3
2.090
44.3
0.322
57.0
0.199
--131.9
4000
0.251
151.4
2.007
41.7
0.339
55.5
0.202
--136.7
4200
0.259
147.8
1.933
39.2
0.355
54.1
0.205
--141.6
4400
0.270
144.5
1.865
36.6
0.371
52.4
0.210
--146.7
4600
0.279
141.1
1.802
34.2
0.388
50.9
0.215
--151.3
4800
0.289
138.3
1.747
31.8
0.404
49.3
0.220
--156.1
5000
0.300
135.2
1.693
29.4
0.419
47.6
0.227
--160.7
5200
0.309
132.4
1.644
27.1
0.435
45.9
0.233
--165.2
5400
0.321
129.6
1.599
24.8
0.450
44.3
0.241
--169.9
5600
0.332
126.7
1.555
22.6
0.465
42.6
0.250
--174.2
5800
0.342
124.1
1.515
20.4
0.480
40.9
0.257
--178.2
6000
0.353
121.7
1.478
18.2
0.494
39.2
0.266
177.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com