Electronic Components Datasheet Search
  English  ▼

X  

2SC6044 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6044
Description  NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6044 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6044 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6044 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6044 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6044 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6044
No.8251-1/4
Applications
•
Voltage regulators, relay drivers, lamp drivers, electrical equipment.
Features
•
Adoption of MBIT process.
•
Low collector-to-emitter saturation voltage.
•
High current capacity.
•
High-speed switching.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
40
V
Collector-to-Emitter Voltage
VCEO
30
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
2A
Collector Current (Pulse)
ICP
5A
Base Current
IB
400
mA
Collector Dissipation
PC
Mounted on a ceramic board (450mm2!0.8mm)
1.3
W
Tc=25
°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=30V, IE=0
0.1
µA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
0.1
µA
DC Current Gain
hFE1VCE=2V, IC=100mA
200
560
hFE2VCE=2V, IC=1.5A
65
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
400
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
12
pF
Marking : HB
Continued on next page.
Ordering number : ENN8251
31005EA TS IM TB-00001242
2SC6044
NPN Epitaxial Planar Silicon Transistors
High-Current Switching Applications
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - 2SC6044

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SC6040 TOSHIBA-2SC6040 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC6041 TOSHIBA-2SC6041 Datasheet
200Kb / 5P
TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
2SC6042 TOSHIBA-2SC6042 Datasheet
182Kb / 5P
Silicon NPN Triple Diffused Type
2SC6042 TOSHIBA-2SC6042 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6044

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5999 SANYO-2SC5999 Datasheet
37Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6017 SANYO-2SC6017 Datasheet
55Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6064 SANYO-2SC6064 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH3123 SANYO-CPH3123 Datasheet
59Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5522 SANYO-CPH5522 Datasheet
61Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3247 SANYO-CPH3247 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6094 SANYO-2SC6094 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH5518 SANYO-CPH5518 Datasheet
62Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com