Electronic Components Datasheet Search
  English  ▼

X  

2SC6044 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6044
Description  NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6044 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6044 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6044 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6044 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6044 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6044
No.8251-3/4
0.1
23
5
7 1.0
23
23
57
5
10
5
7
5
2
3
10
7
Cob -- VCB
IT09354
f=1MHz
0.01
0.1
23
5
7
23
5
7
3
2
1.0
IT09355
VCE(sat) -- IC
5
0.01
0.1
5
7
2
3
7
2
3
5
Ta=75
°C
25
°C
IC / IB=20
--25
°C
0.01
1.0
7
5
3
2
7
5
3
2
0.1
10
5
7
3
2
0
PC -- Tc
IT09359
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1.0
1.4
1.3
1.2
0
20
40
60
80
100
120
140
160
PC -- Ta
IT09358
IT09357
A S O
0.1
1.0
23
5
7
23
5
7
2
5
3
10
0.01
0.1
22
35
7
23
5
7
3
1.0
IT09356
VBE(sat) -- IC
3
1.0
3
2
5
7
IC / IB=20
ICP=5A
IC=2A
Ta= --25°C
25°C
75°C
<10
µs
1ms
10ms
DC
operation
100ms
hFE -- IC
IT09352
100
7
1000
2
3
5
3
25
7
3
25
7
2
3
0.01
0.1
1.0
VCE=2V
Ta=75
°C
25
°C
--25
°C
0.01
0.1
1.0
23
5
7
23
2
3
57
2
7
5
5
7
3
100
IT09353
fT -- IC
VCE=10V
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(450mm
2!
0.8mm)
Tc=25
°C
Single pulse
Case Temperature, Tc --
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com