Electronic Components Datasheet Search
  English  ▼

X  

2SC6065 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6065
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6065 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6065 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6065 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6065 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6065 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6065
No.8561-3/4
0.1
7
5
3
2
1.0
27
5
3
10
2
0.001
2
0.01
7
5
3
2
0.1
7
5
3
2
DC
operation
ICP=3A
IC=1.5A
100ms
1.0
7
5
3
2
2
7
5
3
7
5
3
100
27
5
3
2
0.1
0.01
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
100
10
23
5
7
23
5
7
1000
0.1
2
3
5
7
1.0
2
3
5
7
10
0.1
2
3
5
7
1.0
2
3
5
Ambient Temperature, Ta --
°C
PC -- Ta
Collector-to-Emitter Voltage, VCE -- V
Reverse Bias A S O
IT06220
Ta=25
°C
IB2= --0.3A
L=500
µH, single pulse
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
Ta=25
°C
Single pulse
1.0
0.1
23
23
5
7
Collector Current, IC -- A
IT06218
SW Time -- IC
tstg
tf
IC / IB1=5
IB2 / IB1=2
R load
IT06217
0.01
7
5
3
2
0.1
7
5
3
2
1.0
3
2
VBE(sat) -- IC
Collector Current, IC -- A
IC / IB=5
Ta= --40°C
120°C
25°C
hFE -- IC
Collector Current, IC -- A
IT06215
23
5 7
0.001
0.01
23
5 7 0.1
23
5 7 1.0
23
VCE=5V
1.0
10
7
5
3
2
100
7
5
3
2
3
2
23
5
7
0.01
0.1
23
5
7 1.0
23
5
7 10
0.1
0.01
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
Ta=120°C
25°C
--40°C
VCE(sat) -- IC
Collector Current, IC -- A
IT06216
IC / IB=5
120°
C
25°C
Ta= --40
°C
0
40
80
120
160
20
60
100
140
0
0.8
0.4
1.0
0.6
0.2
0.7
0.3
0.9
0.5
0.1
IT10278



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com