Electronic Components Datasheet Search
  English  ▼

X  

56F8347 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 56F8347
Description  16-BIT HYBRID CONTROLLERS
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8347 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 56F8347 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 176 page
background image
Flash Memory Map
56F8347 Technical Data, Rev. 3.0
Freescale Semiconductor
49
Preliminary
Figure 4-1 Flash Array Memory Maps
Table 4-7 shows the page and sector sizes used within each Flash memory block on the chip.
Note: Data Flash is NOT available on the 56F8147 device.
Please see 56F8300 Peripheral User Manual for additional Flash information.
Table 4-7. Flash Memory Partitions
Flash Size
Sectors
Sector Size
Page Size
Program Flash
128KB
16
4K x 16 bits
512 x 16 bits
Data Flash
8KB
16
256 x 16 bits
256 x 16 bits
Boot Flash
8KB
4
1K x 16 bits
256 x 16 bits
BOOT_FLASH_START = $20_0000
BOOT_FLASH_START + $1FFF
Block 0 Odd
Block 0 Even
PROG_FLASH_START + $00_FFFF
8KB
Boot
Reserved
Configure Field
PROG_FLASH_START + $00_FFF7
PROG_FLASH_START + $00_FFF6
128K Bytes
PROG_FLASH_START = $00_0000
FM_PROG_MEM_TOP = $00_FFFF
BLOCK 0 Odd (2 Bytes) $00_0003
BLOCK 0 Even (2 Bytes) $00_0002
BLOCK 0 Odd (2 Bytes) $00_0001
BLOCK 0 Even (2 Bytes) $00_0000
FM_BASE + $14
Banked Registers
Unbanked Registers
8KB
FM_BASE + $00
DATA_FLASH_START + $0FFF
DATA_FLASH_START + $0000
Data Memory
Program Memory
Note: Data Flash is
NOT available in the
56F8147 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com