Electronic Components Datasheet Search
  English  ▼

X  

56F8347 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 56F8347
Description  16-BIT HYBRID CONTROLLERS
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8347 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 56F8347 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 176 page
background image
Signal Pins
56F8347 Technical Data, Rev. 3.0
Freescale Semiconductor
19
Preliminary
OCR_DIS
91
Input
Input
On-Chip Regulator Disable —
Tie this pin to VSS to enable the on-chip regulator.
Tie this pin to VDD to disable the on-chip regulator.
This pin is intended to be a static DC signal from power-up to
shut down. Do no try to toggle this pin for power savings
during operation.
VCAP1*
62
Supply
Supply
VCAP1 - 4 — When OCR_DIS is tied to VSS (regulator enabled),
connect each pin to a 2.2
µF or greater bypass capacitor in order to
bypass the core logic voltage regulator, required for proper chip
operation. When OCR_DIS is tied to VDD (regulator disabled),
these pins become VDD_CORE and should be connected to a
regulated 2.5V power supply.
Note: This bypass is required even if the chip is powered with
an external supply.
VCAP2*
144
VCAP3*
95
VCAP4*
15
* When the on-chip regulator is disabled, these four pins become 2.5V VDD_CORE.
VPP1
141
Input
Input
VPP1 - 2 — These pins should be left unconnected as an open
circuit for normal functionality.
VPP2
2
CLKMODE
99
Input
Input
Clock Input Mode Selection — This input determines the function
of the XTAL and EXTAL pins.
1 = External clock input on XTAL is used to directly drive the input
clock of the chip. The EXTAL pin should be grounded.
0 = A crystal or ceramic resonator should be connected between
XTAL and EXTAL.
EXTAL
94
Input
Input
External Crystal Oscillator Input — This input can be connected
to an 8MHz external crystal. Tie this pin low if XTAL is driven by an
external clock source.
XTAL
93
Input/
Output
Chip-driven
Crystal Oscillator Output — This output connects the internal
crystal oscillator output to an external crystal.
If an external clock is used, XTAL must be used as the input and
EXTAL connected to GND.
The input clock can be selected to provide the clock directly to the
core. This input clock can also be selected as the input clock for
the on-chip PLL.
Table 2-2 Signal and Package Information for the 160-Pin LQFP
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com