Electronic Components Datasheet Search
  English  ▼

X  

56F8347 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # 56F8347
Description  16-BIT HYBRID CONTROLLERS
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8347 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button 56F8347 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 176 page
background image
Register Descriptions
56F8347 Technical Data, Rev. 3.0
Freescale Semiconductor
101
Preliminary
5.6.15.1
Reserved—Bits 15–7
This bit field is reserved or not implemented. It is read as 0, but cannot be modified by writing.
5.6.15.2
Fast Interrupt 1 Vector Number (FAST INTERRUPT 1)—Bits 6–0
This value determines which IRQ will be a Fast Interrupt 1. Fast interrupts vector directly to a service
routine based on values in the Fast Interrupt Vector Address registers without having to go to a jump table
first; see Part 5.3.3. IRQs used as fast interrupts must be set to priority level 2. Unexpected results will
occur if a fast interrupt vector is set to any other priority. Fast interrupts automatically become the
highest-priority level 2 interrupt, regardless of their location in the interrupt table, prior to being declared
as fast interrupt. Fast Interrupt 0 has priority over Fast Interrupt 1. To determine the vector number of each
IRQ, refer to Table 4-5.
5.6.16
Fast Interrupt 1 Vector Address Low Register (FIVAL1)
Figure 5-18 Fast Interrupt 1 Vector Address Low Register (FIVAL1)
5.6.16.1
Fast Interrupt 1 Vector Address Low (FIVAL1)—Bits 15–0
The lower 16 bits of vector address are used for Fast Interrupt 1. This register is combined with FIVAH1
to form the 21-bit vector address for Fast Interrupt 1 defined in the FIM1 register.
5.6.17
Fast Interrupt 1 Vector Address High Register (FIVAH1)
Figure 5-19 Fast Interrupt 1 Vector Address High Register (FIVAH1)
5.6.17.1
Reserved—Bits 15–5
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.17.2
Fast Interrupt 1 Vector Address High (FIVAH1)—Bits 4–0
The upper five bits of the vector address are used for Fast Interrupt 1. This register is combined with
FIVAL1 to form the 21-bit vector address for Fast Interrupt 1 defined in the FIM1 register.
Base + $F
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
FAST INTERRUPT 1
VECTOR ADDRESS LOW
Write
RESET
00000000
00000000
Base + $10
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 1
VECTOR ADDRESS HIGH
Write
RESET
00000000
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com