Electronic Components Datasheet Search
  English  ▼

X  

AD8007 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8007
Description  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8007 Datasheet HTML 9Page - Analog Devices AD8007 Datasheet HTML 10Page - Analog Devices AD8007 Datasheet HTML 11Page - Analog Devices AD8007 Datasheet HTML 12Page - Analog Devices AD8007 Datasheet HTML 13Page - Analog Devices AD8007 Datasheet HTML 14Page - Analog Devices AD8007 Datasheet HTML 15Page - Analog Devices AD8007 Datasheet HTML 16Page - Analog Devices AD8007 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. C
AD8007/AD8008
–13–
TPC 43. Output Overdrive Recovery, RL = 1 k
Ω,
150
Ω, VIN = ±2.5 V
0
TIME – ns
510
1520
25
30
35
40
45
G = +2
0.1
0
0.2
0.3
0.4
0.5
0.1
0.2
0.3
0.4
0.5
18ns
TPC 44. 0.1% Settling Time, 2 V Step
RL –
–1
200
0
3
2
1
0
4
400
600
–2
–3
–4
800
1000
G = +10
VS = 5V
VIN = 0.75V
TPC 45. VOUT Swing vs. RLOAD, VS =
±5 V, G = +10,
VIN =
±0.75 V
0
100
200
TIME – ns
INPUT (1V/DIV)
RL = 150
RL = 1k
OUTPUT (2V/DIV)
VS
VS
300
400
500
G =
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com