Electronic Components Datasheet Search
  English  ▼

X  

AD8007 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8007
Description  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007 Datasheet(HTML) 2 Page - Analog Devices

  AD8007 Datasheet HTML 1Page - Analog Devices AD8007 Datasheet HTML 2Page - Analog Devices AD8007 Datasheet HTML 3Page - Analog Devices AD8007 Datasheet HTML 4Page - Analog Devices AD8007 Datasheet HTML 5Page - Analog Devices AD8007 Datasheet HTML 6Page - Analog Devices AD8007 Datasheet HTML 7Page - Analog Devices AD8007 Datasheet HTML 8Page - Analog Devices AD8007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. C
–2–
AD8007/AD8008–SPECIFICATIONS
VS = 5 V (@ T
A = 25 C, RS = 200
, RL = 150
, RF = 499
, Gain = +2, unless otherwise noted.)
AD8007/AD8008
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.2 V p-p, RL = 1 k
Ω
540
650
MHz
G = +1, VO = 0.2 V p-p, RL = 150
Ω
250
500
MHz
G = +2, VO = 0.2 V p-p, RL = 150
Ω
180
230
MHz
G = +1, VO = 2 V p-p, RL = 1 k
Ω
200
235
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p, G = +2, RL = 150
Ω
50
90
MHz
Overdrive Recovery Time
±2.5 V Input Step, G = +2, RL = 1 kΩ
30
ns
Slew Rate
G = +1, VO = 2 V Step
900
1000
V/
µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
18
ns
Settling Time to 0.01%
G = +2, VO = 2 V Step
35
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
fC = 5 MHz, VO = 2 V p-p
–88
dBc
fC = 20 MHz, VO = 2 V p-p
–83/–77
dBc
Third Harmonic
fC = 5 MHz, VO = 2 V p-p
–101
dBc
fC = 20 MHz, VO = 2 V p-p
–92/–98
dBc
IMD
fC = 19.5 MHz to 20.5 MHz, RL = 1 k
Ω,
VO = 2 V p-p
–77
dBc
Third Order Intercept
fC = 5 MHz, RL = 1 k
Ω
43.0/42.5
dBm
fC = 20 MHz, RL = 1 k
Ω
42.5
dBm
Crosstalk (AD8008)
f = 5 MHz, G = +2
–68
dB
Input Voltage Noise
f = 100 kHz
2.7
nV/
√Hz
Input Current Noise
–Input, f = 100 kHz
22.5
pA/
√Hz
+Input, f = 100 kHz
2
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RL = 150
Ω
0.015
%
Differential Phase Error
NTSC, G = +2, RL = 150
Ω
0.010
Degree
DC PERFORMANCE
Input Offset Voltage
0.5
4
mV
Input Offset Voltage Drift
3
µV/°C
Input Bias Current
+Input
4
8
µA
–Input
0.4
6
µA
Input Bias Current Drift
+Input
16
nA/
°C
–Input
9
nA/
°C
Transimpedance
VO =
±2.5 V, RL = 1 kΩ
1.0
1.5
M
Ω
RL = 150
Ω
0.4
0.8
M
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
4
M
Ω
Input Capacitance
+Input
1
pF
Input Common-Mode Voltage Range
–3.9 to +3.9
V
Common-Mode Rejection Ratio
VCM =
±2.5 V
56
59
dB
OUTPUT CHARACTERISTICS
Output Saturation Voltage
VCC – VOH, VOL – VEE, RL = 1 k
Ω
1.1
1.2
V
Short Circuit Current, Source
130
mA
Short Circuit Current, Sink
90
mA
Capacitive Load Drive
30% Overshoot
8
pF
POWER SUPPLY
Operating Range
5
12
V
Quiescent Current per Amplifier
9
10.2
mA
Power Supply Rejection Ratio
+PSRR
59
64
dB
–PSRR
59
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com